Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8-8 Datasheet(PDF) 7 Page - Protek Devices

Part # SLVU2.8-8
Description  600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8-8 Datasheet(HTML) 7 Page - Protek Devices

  SLVU2.8-8_12 Datasheet HTML 1Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 2Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 3Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 4Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 5Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 6Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 7Page - Protek Devices SLVU2.8-8_12 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05181.R5 10/12
Page 7
SLVU2.8-8
TAPE AND REEL
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
SPECIFICATIONS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
12mm 6.50 ± 0.10 5.40 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 12mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 12mm tape.
5. Bulk product shipped in tubes of 98 pieces per tube.
6. Marking on Part - marking code (see page 2), date code, logo and pin one defined by dot on top of package.
Package outline, pad layout and tape specifications per document number 06009.R3 9/10.
ORDERING INFORMATION
BASE PART NUMBER
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
SLVU2.8-8
-LF
-T7
1,000
7”
98
SLVU2.8-8
-LF
-T13
2,500
13”
98
This device is only available in a Lead-Free configuration.


Similar Part No. - SLVU2.8-8_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SLVU2.8-8A1 STMICROELECTRONICS-SLVU2.8-8A1 Datasheet
202Kb / 8P
   Low voltage unit for Gigabit Ethernet protection
SLVU2.8-8A1 STMICROELECTRONICS-SLVU2.8-8A1 Datasheet
202Kb / 8P
   Low voltage unit for Gigabit Ethernet protection
May 2011 Rev 2
SLVU2.8-8A1 STMICROELECTRONICS-SLVU2.8-8A1 Datasheet
202Kb / 8P
   Low voltage unit for Gigabit Ethernet protection
May 2011 Rev 2
logo
Protek Devices
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVU2.8-8_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_11 Datasheet
696Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_12 Datasheet
699Kb / 8P
   600 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_11 Datasheet
707Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com