Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2308Q Datasheet(PDF) 2 Page - Sony Corporation

Part # CXD2308Q
Description  10-bit 50MSPS RGB 3-channel D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2308Q Datasheet(HTML) 2 Page - Sony Corporation

  CXD2308Q Datasheet HTML 1Page - Sony Corporation CXD2308Q Datasheet HTML 2Page - Sony Corporation CXD2308Q Datasheet HTML 3Page - Sony Corporation CXD2308Q Datasheet HTML 4Page - Sony Corporation CXD2308Q Datasheet HTML 5Page - Sony Corporation CXD2308Q Datasheet HTML 6Page - Sony Corporation CXD2308Q Datasheet HTML 7Page - Sony Corporation CXD2308Q Datasheet HTML 8Page - Sony Corporation CXD2308Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
—2—
CXD2308Q
Block Diagram
4LSB'S
CURRENT
CELLS
6MSB'S
CURRENT
CELLS
CLOCK
GENERATOR
CURRENT CELLS
(FOR FULL SCALE)
4LSB'S
CURRENT
CELLS
6MSB'S
CURRENT
CELLS
CLOCK
GENERATOR
CURRENT CELLS
(FOR FULL SCALE)
4LSB'S
CURRENT
CELLS
6MSB'S
CURRENT
CELLS
CLOCK
GENERATOR
CURRENT CELLS
(FOR FULL SCALE)
BIAS VOLTAGE
GENERATOR
DECODER
LATCHES
DECODER
DECODER
LATCHES
DECODER
DECODER
LATCHES
DECODER
ROG
40
39
38
37
36
35
34
33
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
63
64
61
62
31
32
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
1
(LSB) R0
R1
R2
R3
R4
R5
R6
R7
R8
(MSB) R9
(LSB) G0
G1
G2
G3
G4
G5
G6
G7
G8
(MSB)G9
(LSB) B0
B1
B2
B3
B4
B5
B6
B7
B8
BLK
CE
DVDD
AVDD
AVDD
VGR
RO
RO
RCK
ROR
VRR
IRR
AVDD
AVDD
VGG
GO
GO
GCK
ROG
VRG
IRG
AVDD
AVDD
VGB
BO
BO
BCK
ROB
VRB
IRB
VB
AVSS
AVSS
DVSS
(MSB) B9


Similar Part No. - CXD2308Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
   8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2302 SONY-CXD2302 Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
More results

Similar Description - CXD2308Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2307R SONY-CXD2307R Datasheet
250Kb / 14P
   10-bit 50MSPS RGB 3-channel D/A Converter
CXD2309Q SONY-CXD2309Q Datasheet
243Kb / 16P
   10-bit 50MSPS RGB 3-channel D/A Converter
logo
STMicroelectronics
TSA1002 STMICROELECTRONICS-TSA1002_04 Datasheet
241Kb / 20P
   10-BIT, 50MSPS, 50mW A/D CONVERTER
TSA1002 STMICROELECTRONICS-TSA1002 Datasheet
239Kb / 19P
   10-BIT, 50MSPS, 50mW A/D CONVERTER
logo
Murata Power Solutions ...
DAC-349 MURATA-PS-DAC-349 Datasheet
1,002Kb / 4P
   10-Bit/3 Channel, 50 MHz RGB D/A Converter
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
logo
Fujitsu Component Limit...
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
   3-Channel 10-Bit D/A Converter
logo
STMicroelectronics
TSA1201 STMICROELECTRONICS-TSA1201 Datasheet
220Kb / 20P
   12-BIT, 50MSPS, 150mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com