Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS65C256AL-25TA3 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS65C256AL-25TA3
Description  32K x 8 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65C256AL-25TA3 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS65C256AL-25TA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Integrated Silicon Solution, Inc.
Rev. D
05/09/12
IS65C256AL
IS62C256AL
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25 ns
-45 ns
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC1
VDD Operating
VDD = Max., CE = VIL
Com.
15
15
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
20
20
Auto.
25
25
ICC2
VDD Dynamic Operating
VDD = Max., CE = VIL
Com.
25
20
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
30
25
Auto.
35
30
typ. (2)
15
12
ISB1
TTL Standby Current
VDD = Max.,
Com.
100
100
µA
(TTL Inputs)
VIN = VIH or VIL
Ind.
120
120
CE ≥ VIH, f = 0
Auto.
150
150
ISB2
CMOS Standby
VDD = Max.,
Com.
15
15
µA
Current (CMOS Inputs)
CE ≥ VDD – 0.2V,
Ind.
20
20
VIN ≥ VDD – 0.2V, or
Auto.
50
50
VIN ≤ 0.2V, f = 0
typ. (2)
5
5
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 5.0V, TA = 25oC and not 100% tested.


Similar Part No. - IS65C256AL-25TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65C256AL-25TA3 ISSI-IS65C256AL-25TA3 Datasheet
92Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65C256AL-25TA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com