Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV256AL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS62LV256AL
Description  32K x 8 LOW VOLTAGE CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV256AL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS62LV256AL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV256AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
05/09/12
IS65LV256AL
IS62LV256AL
PIN CONFIGURATION
28-Pin SOJ/ 28-pin SOP
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VDD
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION
28-Pin TSOP
PIN DESCRIPTIONS
A0-A14 AddressInputs
CE
ChipEnableInput
OE
OutputEnableInput
WE
WriteEnableInput
I/O0-I/O7Input/Output
Vdd
Power
GND
Ground
TRUTH TABLE
Mode
WE
CE
OE
I/O Operation
VDD Current
NotSelected
X
H
X
High-Z
Isb1, Isb2
(Power-down)
OutputDisabled
H
L
H
High-Z
Icc1, Icc2
Read
H
L
L
dout
Icc1, Icc2
Write
L
L
X
dIn
Icc1, Icc2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5to+4.6
V
tbIas
TemperatureUnderBias
–55to+125
°C
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
0.5
W
Iout
DCOutputCurrent(LOW)
20
mA
Note:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycauseperma-
nentdamagetothedevice.Thisisastressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedintheoperationalsectionsofthis
specificationisnotimplied.Exposuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.


Similar Part No. - IS62LV256AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL-20J ISSI-IS62LV256AL-20J Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL-20JI ISSI-IS62LV256AL-20JI Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL-20JL ISSI-IS62LV256AL-20JL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL-20JLI ISSI-IS62LV256AL-20JLI Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS62LV256AL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com