Electronic Components Datasheet Search |
|
IS61WV25616ALL Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc |
|
IS61WV25616ALL Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc |
7 / 21 page Integrated Silicon Solution, Inc. — www.issi.com 7 Rev. G 07/15/2010 1 2 3 4 5 6 7 8 9 10 11 12 IS61WV25616ALL/ALS, IS61WV25616BLL/BLS, IS64WV25616BLL/BLS OPERATING RANGE (VDD) (IS61WV25616BLL)(1) Range Ambient Temperature VDD (8 nS)1 VDD (10 nS)1 Commercial 0°C to +70°C 3.3V + 5% 2.4V-3.6V Industrial –40°C to +85°C 3.3V + 5% 2.4V-3.6V Note: 1. When operated in the range of 2.4V-3.6V, the device meets 10ns. When operated in the range of 3.3V + 5%, the device meets 8ns. OPERATING RANGE (VDD) (IS64WV25616BLL) Range Ambient Temperature VDD (10 nS) Automotive –40°C to +125°C 2.4V-3.6V HIGH SPEED (IS61WV25616ALL/BLL) OPERATING RANGE (VDD) (IS61WV25616ALL) Range Ambient Temperature VDD Speed Commercial 0°C to +70°C 1.65V-2.2V 20ns Industrial –40°C to +85°C 1.65V-2.2V 20ns Automotive –40°C to +125°C 1.65V-2.2V 20ns POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range) -8 -10 -20 Symbol Parameter Test Conditions Min. Max. Min. Max. Min. Max. Unit ICC VDD Dynamic Operating VDD = Max., Com. — 50 — 40 — 35 mA Supply Current IOUT = 0 mA, f = fMAX Ind. — 55 — 45 — 40 Auto. — — — 65 — 60 typ.(2) 25 ICC1 Operating VDD = Max., Com. — 35 — 35 — 30 mA Supply Current IOUT = 0 mA, f = 0 Ind. — 40 — 40 — 40 Auto. — — — 60 — 60 ISB1 TTL Standby Current VDD = Max., Com. — 10 — 10 — 10 mA (TTL Inputs) VIN = VIH or VIL Ind. — 15 — 15 — 15 CE ≥ VIH, f = 0 Auto. — — — 30 — 30 ISB2 CMOS Standby VDD = Max., Com. — 8 — 8 — 8 mA Current (CMOS Inputs) CE ≥ VDD – 0.2V, Ind. — 9 — 9 — 9 VIN ≥ VDD – 0.2V, or Auto. — — — 20 — 20 VIN ≤ 0.2V, f = 0 typ.(2) 2 Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. 2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested. |
Similar Part No. - IS61WV25616ALL |
|
Similar Description - IS61WV25616ALL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |