Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV2568EDBLL-10CTLA3 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS64WV2568EDBLL-10CTLA3
Description  256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV2568EDBLL-10CTLA3 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS64WV2568EDBLL-10CTLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/08/2011
IS61/64WV2568EDBLL
PIN CONFIGURATION
36 mini BGA
PIN DESCRIPTIONS
A0-A17
AddressInputs
CE
ChipEnableInput
OE
OutputEnableInput
WE
WriteEnableInput
I/O0-I/O7
BidirectionalPorts
Vdd
Power
GND
Ground
NC
NoConnection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CE
I/O0
I/O1
VDD
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
A17
A16
A15
A14
OE
I/O7
I/O6
GND
VDD
I/O5
I/O4
A13
A12
A11
A10
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
NC
A0
A1
A2
A3
A4
CE
I/O0
I/O1
VDD
GND
I/O2
I/O3
WE
A5
A6
A7
A8
A9
NC
NC
NC
NC
NC
A17
A16
A15
A14
OE
I/O7
I/O6
GND
VDD
I/O5
I/O4
A13
A12
A11
A10
NC
NC
NC
NC
44
43
42
41
44-Pin TSOP (Type II)
1
2
3
4
5
6
A
B
C
D
E
F
G
H
A0
I/O4
I/O5
GND
VDD
I/O6
I/O7
A9
A1
A2
OE
A10
NC
WE
NC
NC
CE
A11
A3
A4
A5
A17
A16
A12
A6
A7
A15
A13
A8
I/O0
I/O1
VDD
GND
I/O2
I/O3
A14
36-Pin SOJ


Similar Part No. - IS64WV2568EDBLL-10CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV25616BLL-10BA3 ISSI-IS64WV25616BLL-10BA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10BLA3 ISSI-IS64WV25616BLL-10BLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTA3 ISSI-IS64WV25616BLL-10CTA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTLA3 ISSI-IS64WV25616BLL-10CTLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL/BLS ISSI-IS64WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV2568EDBLL-10CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com