Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV1288EEBLL-10BLA1 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS64WV1288EEBLL-10BLA1
Description  256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV1288EEBLL-10BLA1 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS64WV1288EEBLL-10BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
10/10/2012
IS61/64WV1288EEBLL
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
-20
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
iCC
VddDynamicOperating Vdd = Max.,
Com.
—40
—30
—25
mA
Supply Current
iOut = 0 mA, f = fmax
Ind.
—45
—35
—30
Auto.
——
—50
—45
typ.(2)
21
21
iCC1
Operating
Vdd = Max.,
Com.
—20
—20
—20
mA
Supply Current
iOut = 0 mA, f = 0
Ind.
—25
—25
—25
Auto.
——
—40
—40
isb1
TTLStandbyCurrent
Vdd = Max.,
Com.
10
10
—10
mA
(TTLInputs)
Vin = Vih or Vil
Ind.
—15
—15
—15
CE ≥
Vih,f=0
Auto.
——
—30
—30
isb2
CMOS Standby
Vdd = Max.,
Com.
5
5
5
mA
Current(CMOSInputs) CE ≥ Vdd – 0.2V,
Ind.
6
6
6
Vin ≥ Vdd – 0.2V, or
Auto.
——
—15
15
Vin ≤ 0.2V, f = 0
typ.(2)
1.5
1.5
Note:
1. At f = fmax, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2.TypicalvaluesaremeasuredatVdd=3.0V,Ta=25oC and not 100% tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.4V-3.6V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOh
OutputHIGHVoltage
Vdd = Min., iOh = –1.0mA
1.8
V
VOl
OutputLOWVoltage
Vdd = Min., iOl = 1.0mA
0.4
V
Vih
InputHIGHVoltage
2.0
Vdd + 0.3
V
Vil
InputLOWVoltage(1)
–0.3
0.8
V
ili
InputLeakage
GND≤ Vin ≤ Vdd
–1
1
µA
ilO
OutputLeakage
GND≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. Vil (min.) = –0.3VDC;Vil(min.)=–2.0VAC(pulsewidth<2ns).Not100%tested.
Vih (max.) = Vdd + 0.3V dC; Vih (max.) = Vdd + 2.0V aC(pulsewidth<2ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 10%
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOh
OutputHIGHVoltage
Vdd = Min., iOh = –4.0mA
2.4
V
VOl
OutputLOWVoltage
Vdd = Min., iOl = 8.0mA
0.4
V
Vih
InputHIGHVoltage
2
Vdd + 0.3
V
Vil
InputLOWVoltage(1)
–0.3
0.8
V
ili
InputLeakage
GND≤ Vin ≤ Vdd
–1
1
µA
ilO
OutputLeakage
GND≤ VOut ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. Vil (min.) = –0.3VDC;Vil(min.)=–2.0VAC(pulsewidth<2ns).Not100%tested.
Vih (max.) = Vdd + 0.3V dC; Vih (max.) = Vdd + 2.0V aC(pulsewidth<2ns).Not100%tested.


Similar Part No. - IS64WV1288EEBLL-10BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV1288DBLL/DBLS ISSI-IS64WV1288DBLL/DBLS Datasheet
554Kb / 20P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64WV1288EEBLL-10BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com