Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV2568EDBLL-10TLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61WV2568EDBLL-10TLI
Description  256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV2568EDBLL-10TLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61WV2568EDBLL-10TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV2568EDBLL-10TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. A
11/08/2011
1
2
3
4
5
6
7
8
9
10
11
12
IS61/64WV2568EDBLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
trC
ReadCycleTime
8—
10—
20—
ns
taa
AddressAccessTime
—8
—10
—20
ns
tOha
OutputHoldTime
2.0—
2.0—
2.5—
ns
taCe
CE
AccessTime
—8
—10
—20
ns
tdOe
OE
AccessTime
—4.5
—4.5
—8
ns
thzOe(2)
OE
toHigh-ZOutput
—3
—4
—8
ns
tlzOe(2)
OE
toLow-ZOutput
0—
0—
0—
ns
thzCe(2
CE
toHigh-ZOutput
03
04
08
ns
tlzCe(2)
CE
toLow-ZOutput
3—
3—
3—
ns
tPu
PowerUpTime
0—
0—
0—
ns
tPd
PowerDownTime
—8
—10
—20
ns
Notes:
1. TestconditionsandoutputloadingconditionsarespecifiedintheACTestConditionsandACTestLoads(Figure1).
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.
AC TEST LOADS
Figure 1.
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V
Figure 2.
ZO = 50
1.5V
50
OUTPUT
30 pF
Including
jig and
scope
AC TEST CONDITIONS
Parameter
Unit
(2.4V-3.6V)
InputPulseLevel
0.4VtoVdd-0.3V
InputRiseandFallTimes
1V/ns
InputandOutputTiming
Vdd/2
andReferenceLevel(VRef)
OutputLoad
SeeFigures1and2


Similar Part No. - IS61WV2568EDBLL-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20BI ISSI-IS61WV25616ALL-20BI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TI ISSI-IS61WV25616ALL-20TI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TLI ISSI-IS61WV25616ALL-20TLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL/ALS ISSI-IS61WV25616ALL/ALS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV2568EDBLL-10TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com