Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL93C46 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part No. BL93C46
Description  The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELLING [SHANGHAI BELLING CO., LTD.]
Homepage  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL93C46 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL93C46 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Shanghai Belling Corp., Ltd
BL93C46
6
brought high after being kept low for a minimum of 250 ns (TCS). The ERAL instruction is valid only at VCC =
5.0V ± 10%.
WRITE ALL (WRAL): The Write All (WRAL) instruction programs all memory locations with the data patterns
specified in the instruction. The DO pin outputs the Ready/Busy status of the part if CS is brought high after
being kept low for a minimum of 250 ns (TCS). The WRAL instruction is valid only at VCC = 5.0V ± 10%.
ERASE/WRITE DISABLE (EWDS): To protect against accidental data disturb, the Erase/Write Disable
(EWDS) instruction disables all programming modes and should be executed after all programming
operations. The operation of the Read instruction is independent of both the EWEN and EWDS instructions
and can be executed at any time.
Timing Diagrams


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn