Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL93C46 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part No. BL93C46
Description  The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELLING [SHANGHAI BELLING CO., LTD.]
Homepage  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL93C46 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL93C46 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL93C46 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Shanghai Belling Corp., Ltd
BL93C46
5
Functional Description
The BL93C46 is accessed via a simple and versatile three-wire serial communication interface. Device
operation is controlled by seven instructions issued by the host processor. A valid instruction starts with a
rising edge of CS and consists of a start bit (logic“1”) followed by the appropriate op code and the desired
memory address location.
READ (READ): The Read (READ) instruction contains the address code for the memory location to be read.
After the instruction and address are decoded, data from the selected memory location is available at the
serial output pin DO. Output data changes are synchronized with the rising edges of serial clock SK. It should
be noted that a dummy bit (logic “0”) precedes the 8- or 16-bit data output string.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the Erase/Write Disable
(EWDS) state when power is first applied. An Erase/Write Enable(EWEN) instruction must be executed first
before any programming instructions can be carried out. Please note that once in the EWEN state,
programming remains enabled until an EWDS instruction is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified memory location to the
logical “1” state. The self-timed erase cycle starts once the ERASE instruction and address are decoded. The
DO pin outputs the Ready/Busy status of the part if CS is brought high after being kept low for a minimum of
250 ns (TCS). A logic “1” at pin DO indicates that the selected memory location has been erased, and the part
is ready for another instruction.
WRITE (WRITE): The Write (WRITE) instruction contains the 8 or 16 bits of data to be written into the
specified memory location. The self-timed programming cycle, tWP, starts after the last bit of data is received
at serial data input pin DI. The DO pin outputs the Ready/Busy status of the part if CS is brought high after
being kept low for a minimum of 250 ns (TCS). A logic “0” at DO indicates that programming is still in progress.
A logic “1” indicates that the memory location at the specified address has been written with the data pattern
contained in the instruction and the part is ready for further instructions. A
Ready/Busy status cannot be
obtained if the CS is brought high after the end of the selftimed programming cycle, TWP.
ERASE ALL (ERAL): The Erase All (ERAL) instruction programs every bit in the memory array to the logic “1”
state and is primarily used for testing purposes. The DO pin outputs the Ready/Busy status of the part if CS is


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn