Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL22P14 Datasheet(PDF) 17 Page - SHANGHAI BELLING CO., LTD.

Part # BL22P14
Description  BL22P14 is an 8-bit high performance single chip microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL22P14 Datasheet(HTML) 17 Page - SHANGHAI BELLING CO., LTD.

Back Button BL22P14 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 18Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 19Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 20Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 21Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
BM22P14
BM22P14
BM22P14
BM22P14 用户手册
用户手册
用户手册
用户手册
BL22P14 USER MANUAL
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 16 of 33
1FE4:1FE5
Reserved
1FE6:1FE7
Reserved
1FE8:1FE9
Reserved
1FEA:1FEB
Reserved
1FEC:1FED
Reserved
1FEE:1FEF
TBI
1FF0:1FF1
RTCI
1FF2:1FF3
T1I
1FF4:1FF5
T0I
1FF6:1FF7
KBI
1FF8:1FF9
INT1
1FFA:1FFB
INT0
1FFC:1FFD
SWI
1FFE:1FFF
RESET
The interrupt control registers INTC0 and INTC1 are used to set enable/disable status and
interrupt request flags. Once an interrupt subroutine is serviced, other interrupts are all
blocked. This scheme may prevent any further interrupt nesting.
All these interrupts except software interrupt support a wake-up function.
The request flags of KBI, INT0 and INT1 are “0” if relevant interrupt is turn off. But the
request flags of T0I, T1I, RTCI and TBI are not affected by enable bit.
INTC0 ($0B):
Interrupt control register 0
.7-.6 not used
.5 KBIE 0
Keyboard interrupt enable/disable
0:
KBI disable
1:
KBI enable
.4 KBIF 0
Keyboard interrupt flag
0:
KBI has not interrupt request
1:
KBI has interrupt request
.3 INT1E 0
External interrupt 1 enable/disable
0:
INT1 disable
1:
INT1 enable and setting PB1 input with pull-up resistor
.2 INT1F 0
External interrupt 1 flag
0:
INT1 has not interrupt request
1:
INT1 has interrupt request
.1 INT0E 0
External interrupt 0 enable/disable
0:
INT0 disable
1:
INT0 enable and setting PB0 input with pull-up resistor


Similar Part No. - BL22P14

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
More results

Similar Description - BL22P14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80535 SIEMENS-SAB80535 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
SAB80C52 SIEMENS-SAB80C52 Datasheet
905Kb / 31P
   High-Performance 8-Bit Single Chip Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
   OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com