Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL22P14 Datasheet(PDF) 15 Page - SHANGHAI BELLING CO., LTD.

Part # BL22P14
Description  BL22P14 is an 8-bit high performance single chip microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL22P14 Datasheet(HTML) 15 Page - SHANGHAI BELLING CO., LTD.

Back Button BL22P14 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 18Page - SHANGHAI BELLING CO., LTD. BL22P14 Datasheet HTML 19Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
BM22P14
BM22P14
BM22P14
BM22P14 用户手册
用户手册
用户手册
用户手册
BL22P14 USER MANUAL
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 14 of 33
at PA3 by option.
5.10 Timer – TIMER1
TIMER1 is a 16bit count-up counter. The counter clock source may come from Fsys or
RTC time-out signal or external source or overflow from TIMER0. Using external clock
input from TMR1 (PB3) allows the user to count external events, measure time internals
or pulse widths or generate an accurate time base.
There are two data register- T1DH and T1DL. Before use, data must be written to T1DH
and T1DL. TIMER1 will count from $0000 to this data and generate an interrupt. Then
counter restart from $0000.
TIMER1 has three operate mode:
Timer mode The timer clock comes from internal selected clock source.
Event mode To count external signal from TMR1, may count up when the signal
is from low to high or high to low.
Pulse width measure mode To measure pulse width from TMR1. When TE is
“1”, TIMER0 will start counting after TMR1 receives a transient from low to
high(from high to low when TE is “0”) until TMR1 returns to the original level and
resets the TON. (Note: TON is the enable of TIMER1, and only automatic reset
at pulse width measure mode. If other two modes, resetting TON must be
finished by program.) In other words, only one cycle measurement can be made
until TON is set. Then data reading from T1DH and T1DL is the value of pulse
width. In the case of counter overflows, the counter is reload from the counter
preload register and issues an interrupt request as other two modes. And the
value of pulse width must add the time of generating the interrupt.
It has three registers: T1DH、T1DL、T1C。
T1DH ($08): Timer 1 data register (High byte)
.7-.0 T1DH[7:0]
T1DL ($09): Timer 1 data register (Low byte)
.7-.0 T1DL[7:0]
The data registers of Timer1 are writable and readable. When writing it, this data
is the overflow data and TIMER1 will count from $0000 to this data driven by
internal or external signal. When reading, it is the real-time counting data. If
writing to the data registers, new overflow data will be effective in next counting
cycle.
When TON is “0”, writing to the data registers will clear the counting data, and
count from $00 after TON is set. But if do not writing to the data registers when
TON is “0”, it will count from previous data which TIMER1 stop at.
One point must be note: there are two data registers, so it can not read or write


Similar Part No. - BL22P14

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
More results

Similar Description - BL22P14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80535 SIEMENS-SAB80535 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
SAB80C52 SIEMENS-SAB80C52 Datasheet
905Kb / 31P
   High-Performance 8-Bit Single Chip Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
   OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com