Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2962CT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # RN2962CT
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2962CT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  RN2962CT Datasheet HTML 1Page - Toshiba Semiconductor RN2962CT Datasheet HTML 2Page - Toshiba Semiconductor RN2962CT Datasheet HTML 3Page - Toshiba Semiconductor RN2962CT Datasheet HTML 4Page - Toshiba Semiconductor RN2962CT Datasheet HTML 5Page - Toshiba Semiconductor RN2962CT Datasheet HTML 6Page - Toshiba Semiconductor RN2962CT Datasheet HTML 7Page - Toshiba Semiconductor RN2962CT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RN2961CT~RN2966CT
2009-04-17
5
(Q1,Q2 common)
hFE - IC
1
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
RN2961CT
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
RN2962CT
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
RN2963FS
RN2963CT
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
RN2964CT
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
hFE - IC
10
100
1000
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE= -5V
25
-25
Ta=100°C
Ta=100°C
Ta=100°C
RN2965CT
RN2966CT
Ta=100°C
Ta=100°C
Ta=100°C


Similar Part No. - RN2962CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2962 TOSHIBA-RN2962 Datasheet
271Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2962FE TOSHIBA-RN2962FE Datasheet
558Kb / 8P
   Silicon PNP Epitaxial Type (PCT Process) (Bias Resistor Built-in Transistor)
RN2962FS TOSHIBA-RN2962FS Datasheet
178Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2962CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112ACT TOSHIBA-RN1112ACT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1673 TOSHIBA-RN1673 Datasheet
217Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com