Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2712JE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2712JE
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2712JE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2712JE Datasheet HTML 1Page - Toshiba Semiconductor RN2712JE Datasheet HTML 2Page - Toshiba Semiconductor RN2712JE Datasheet HTML 3Page - Toshiba Semiconductor RN2712JE Datasheet HTML 4Page - Toshiba Semiconductor RN2712JE Datasheet HTML 5Page - Toshiba Semiconductor RN2712JE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2712JE,RN2713JE
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2712JE, RN2713JE
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
Two devices are incorporated into an Extreme-Super-Mini (5 pin)
package.
Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enables the manufacture of ever more compact
equipment and lowers assembly cost.
A wide range of resistor values is available for use in various circuits.
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC *
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: Total rating
Equivalent Circuit
(top view)
1.BASE1
2.EMITTER
3.BASE2
4.COLLECTOR2
5.COLLECTOR1
(B1)
(E)
(B2)
(C2)
(C1)
JEDEC
JEITA
TOSHIBA
2-2P1D
Weight: 0.003g(typ.)
Unit : mm
5
4
1
2
3
Q2
Q1


Similar Part No. - RN2712JE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2710 TOSHIBA-RN2710 Datasheet
171Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2710JE TOSHIBA-RN2710JE Datasheet
290Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2711 TOSHIBA-RN2711 Datasheet
171Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2711JE TOSHIBA-RN2711JE Datasheet
290Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2712JE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com