Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AET-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1963AET-2.5
Description  1.5A Low Noise Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AET-2.5 Datasheet(HTML) 5 Page - Linear Technology

  LT1963AET-2.5 Datasheet HTML 1Page - Linear Technology LT1963AET-2.5 Datasheet HTML 2Page - Linear Technology LT1963AET-2.5 Datasheet HTML 3Page - Linear Technology LT1963AET-2.5 Datasheet HTML 4Page - Linear Technology LT1963AET-2.5 Datasheet HTML 5Page - Linear Technology LT1963AET-2.5 Datasheet HTML 6Page - Linear Technology LT1963AET-2.5 Datasheet HTML 7Page - Linear Technology LT1963AET-2.5 Datasheet HTML 8Page - Linear Technology LT1963AET-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT1963A Series
5
1963afe
elecTrical characTerisTics The
l
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 4,12)
ILOAD = 0.5A
ILOAD = 1.5A
l
1.9
2.1
2.5
V
V
Regulated Output Voltage (Note 5)
LT1963A-1.5
VIN = 2.21V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 1.5A
l
1.477
1.447
1.500
1.500
1.523
1.545
V
V
LT1963A-1.8
VIN = 2.3V, ILOAD = 1mA
2.8V < VIN < 20V, 1mA < ILOAD < 1.5A
l
1.773
1.737
1.800
1.800
1.827
1.854
V
V
LT1963A-2.5
VIN = 3V, ILOAD = 1mA
3.5V < VIN < 20V, 1mA < ILOAD < 1.5A
l
2.462
2.412
2.500
2.500
2.538
2.575
V
V
LT1963A-3.3
VIN = 3.8V, ILOAD = 1mA
4.3V < VIN < 20V, 1mA < ILOAD < 1.5A
l
3.250
3.200
3.300
3.300
3.350
3.400
V
V
ADJ Pin Voltage (Notes 4, 5)
LT1963A
VIN = 2.21V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 1.5A
l
1.192
1.174
1.210
1.210
1.228
1.246
V
V
Line Regulation
LT1963A-1.5
∆VIN = 2.21V to 20V, ILOAD = 1mA
LT1963A-1.8
∆VIN = 2.3V to 20V, ILOAD = 1mA
LT1963A-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
LT1963A-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
LT1963A (Note 4)
∆VIN = 2.21V to 20V, ILOAD = 1mA
l
l
l
l
l
2.0
2.5
3.0
3.5
1.5
6
7
10
10
5
mV
mV
mV
mV
mV
Load Regulation
LT1963A-1.5
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
2
9
18
mV
mV
LT1963A-1.8
VIN = 2.8V, ∆ILOAD = 1mA to 1.5A
VIN = 2.8V, ∆ILOAD = 1mA to 1.5A
2
10
20
mV
mV
LT1963A-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 1.5A
VIN = 3.5V, ∆ILOAD = 1mA to 1.5A
2.5
15
30
mV
mV
LT1963A-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 1.5A
VIN = 4.3V, ∆ILOAD = 1mA to 1.5A
3
20
35
mV
mV
LT1963A (Note 4)
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
2
8
15
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 6, 7, 12)
ILOAD = 1mA
ILOAD = 1mA
0.02
0.06
0.10
V
V
ILOAD = 100mA
ILOAD = 100mA
0.10
0.17
0.22
V
V
ILOAD = 500mA
ILOAD = 500mA
0.19
0.27
0.35
V
V
ILOAD = 1.5A
ILOAD = 1.5A
0.34
0.45
0.55
V
V
GND Pin Current
VIN = VOUT(NOMINAL) + 1V
(Notes 6, 8)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1.5A
1.0
1.1
3.8
15
80
1.5
1.6
5.5
25
120
mA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10µF, ILOAD = 1.5A, BW = 10Hz to 100kHz
40
µVRMS
ADJ Pin Bias Current
(Notes 4, 9)
3
10
µA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
0.25
0.90
0.75
2
V
V
SHDN Pin Current (Note 10)
VSHDN = 0V
VSHDN = 20V
0.01
3
1
30
µA
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
1
µA


Similar Part No. - LT1963AET-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AET-2.5 LINER-LT1963AET-2.5 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-2.5 LINER-LT1963AET-2.5 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AET-2.5 LINER-LT1963AET-2.5 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AET-2.5 LINEAR-LT1963AET-2.5 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-2.5 LINEAR-LT1963AET-2.5 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AET-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com