Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1910FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1910FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1910FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1910FS Datasheet HTML 1Page - Toshiba Semiconductor RN1910FS Datasheet HTML 2Page - Toshiba Semiconductor RN1910FS Datasheet HTML 3Page - Toshiba Semiconductor RN1910FS Datasheet HTML 4Page - Toshiba Semiconductor RN1910FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN1910FS,RN1911FS
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor Built-in Transistor)
RN1910FS,RN1911FS
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Two devices are incorporated into a fine pitch small mold (6-pin)
package.
• Incorporating a bias resistor into a transistor reduces parts count.
• Reducing the parts count enables the manufacture of ever more
compact equipment and lowers assembly cost.
• Complementary to RN2910FS, RN2911FS
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
(Q1, Q2 common)
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Unit: mm
fS6
1.EMIITTER1
2.EMITTER2
3.BASE2
4.COLLECTOR2
5.BASE1
6.COLLECTOR1
0.1±0.05
6
0.8±0.05
1.0±0.05
1
2
0.1±0.05
3
5
4
(E1)
(E2)
(B2)
(C2)
(B2)
(C1)
fS6
1. EMITTER1
2. BASE1
3. COLLECTOR2
4. EMITTER2
5. BASE2
6. COLEECTOR1
(E1)
(B1)
(C2)
(E2)
(B2)
(C1)
JEDEC
JEITA
TOSHIBA
2-1F1D
Weight: 0.001g (typ.)
6
5
4
1
2
3
Q1
Q2
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC(Note 1)
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating
Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total rating
Equivalent Circuit
(top view)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
100
nA
DC current gain
hFE
VCE = 5 V, IC = 1 mA
300
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
0.15
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
1.2
pF
RN1910FS
3.76
4.7
5.64
Input resistor
RN1911FS
R1
8
10
12
k
Ω


Similar Part No. - RN1910FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1910FE TOSHIBA-RN1910FE Datasheet
262Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1910FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com