Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963AET-1.8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1963AET-1.8
Description  1.5A Low Noise Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AET-1.8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1963AET-1.8 Datasheet HTML 3Page - Linear Technology LT1963AET-1.8 Datasheet HTML 4Page - Linear Technology LT1963AET-1.8 Datasheet HTML 5Page - Linear Technology LT1963AET-1.8 Datasheet HTML 6Page - Linear Technology LT1963AET-1.8 Datasheet HTML 7Page - Linear Technology LT1963AET-1.8 Datasheet HTML 8Page - Linear Technology LT1963AET-1.8 Datasheet HTML 9Page - Linear Technology LT1963AET-1.8 Datasheet HTML 10Page - Linear Technology LT1963AET-1.8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT1963A Series
7
1963afe
Typical perForMance characTerisTics
OUTPUT CURRENT (A)
0
500
450
400
350
300
250
200
150
100
50
0
0.4
0.8 1.0
1963A G01
0.2
0.6
1.2 1.4 1.6
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (A)
600
500
400
300
200
100
0
0
0.4
0.8 1.0
1963A G02
0.2
0.6
1.2 1.4 1.6
TJ ≤ 125°C
TJ ≤ 25°C
= TEST POINTS
TEMPERATURE (°C)
–50
500
450
400
350
300
250
200
150
100
50
0
0
50
75
1963A G03
–25
25
100 125
IL = 100mA
IL = 1mA
IL = 0.5A
IL = 1.5A
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
TEMPERATURE (°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
1963A G04
–25
0
50
100
125
LT1963A-1.5/1.8/-2.5/-3.3
LT1963A
VIN = 6V
RL = ∞, IL = 0
VSHDN = VIN
TEMPERATURE (°C)
–50
100
1963A G05
0
50
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
–25
25
75
125
IL = 1mA
Quiescent Current
LT1963A-1.8 Output Voltage
LT1963A-1.5 Output Voltage
TEMPERATURE (°C)
–50
1.53
25
1963A G40
1.50
1.48
–25
0
50
1.47
1.46
1.54
1.52
1.51
1.49
75
100 125
IL = 1mA
TEMPERATURE (°C)
–50
100
1963A G07
0
50
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1963A G08
0
50
1.230
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
–25
25
75
125
IL = 1mA
LT1963A-3.3 Output Voltage
LT1963A ADJ Pin Voltage
TEMPERATURE (°C)
–50
100
1963A G06
0
50
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
–25
25
75
125
IL = 1mA
LT1963A-2.5 Output Voltage


Similar Part No. - LT1963AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AET-1.8 LINER-LT1963AET-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AET-1.8 LINEAR-LT1963AET-1.8 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-1.8 LINEAR-LT1963AET-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com