Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMDA05C-8 Datasheet(PDF) 1 Page - Protek Devices

Part # PSMDA05C-8
Description  450 WATT MULTI-LINE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMDA05C-8 Datasheet(HTML) 1 Page - Protek Devices

  PSMDA05C-8 Datasheet HTML 1Page - Protek Devices PSMDA05C-8 Datasheet HTML 2Page - Protek Devices PSMDA05C-8 Datasheet HTML 3Page - Protek Devices PSMDA05C-8 Datasheet HTML 4Page - Protek Devices PSMDA05C-8 Datasheet HTML 5Page - Protek Devices PSMDA05C-8 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05084.R7 10/12
Page 1
PSMDA05C-8 - PSMDA24C-8
450 WATT MULTI-LINE TVS ARRAY
DESCRIPTIoN
The PSMDAxxC-8 Series are monolithic transient voltage suppressor arrays that provide board level protection for
standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switching
transients.
The PSMDAxxC-8 Series has a peak pulse power rating of 450 Watts for an 8/20µs waveshape. This series meets the
IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 450 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Bidirectional Configuration
• Available in Voltages Ranging from 5V to 24V
• Protects up to Eight Lines
• Monolithic Design
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-14 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIoNS
• Multiple I/O Port Protection
• Board Level Interface Connection
• RS-232, RS-422 & RS-423
• Portable Electronics
PIN CoNFIGURATIoN
So-14 PACkAGE
1
2
5
4
3
6
7
10
11
12
13
14
9
8


Similar Part No. - PSMDA05C-8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMDA05C-8 PROTEC-PSMDA05C-8 Datasheet
105Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8 Datasheet
511Kb / 6P
   450 WATT MILTI-LINE TVS ARRAY
PSMDA05C-8-LF-T13 PROTEC-PSMDA05C-8-LF-T13 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8-T13 PROTEC-PSMDA05C-8-T13 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSMDA05C-8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMDA05C-8 PROTEC-PSMDA05C-8_11 Datasheet
511Kb / 6P
   450 WATT MILTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com