Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLC24 Datasheet(PDF) 2 Page - Protek Devices

Part # PSLC24
Description  350 WATT LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSLC24 Datasheet(HTML) 2 Page - Protek Devices

  PSLC24 Datasheet HTML 1Page - Protek Devices PSLC24 Datasheet HTML 2Page - Protek Devices PSLC24 Datasheet HTML 3Page - Protek Devices PSLC24 Datasheet HTML 4Page - Protek Devices PSLC24 Datasheet HTML 5Page - Protek Devices PSLC24 Datasheet HTML 6Page - Protek Devices PSLC24 Datasheet HTML 7Page - Protek Devices PSLC24 Datasheet HTML 8Page - Protek Devices PSLC24 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05091.R16 10/12
Page 2
PSLC03 - PSLC24C
tyPiCaL DeviCe ChaRaCteRiStiCS
MaXiMuM RatingS @ 25°C unless otherwise Specified
PaRaMeteR
SyMBoL
vaLue
unitS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
350
Watts
eLeCtRiCaL ChaRaCteRiStiCS PeR Line @ 25°C unless otherwise Specified
PaRt
nuMBeR
(notes 1 - 2)
DeviCe
MaRking
RateD
StanD-oFF
voLtage
v
wM
voLtS
MiniMuM
BReakDown
voLtage
@ 1ma
v
(BR)
voLtS
MaXiMuM
CLaMPing
voLtage
(Fig. 2)
@ i
P = 5a
v
C
voLtS
MaXiMuM
CLaMPing
voLtage
(Fig. 2)
@ 8/20µs
v
C @ iPP
voLtS
MaXiMuM
Leakage
CuRRent
@v
wM
i
D
µa
tyPiCaL
CaPaCitanCe
@0v, 1Mhz
C
pF
PSLC03
3U
3.3
4.0
9.0
19.0V @ 20.0A
125
3
PSLC03C
3B
3.3
4.0
9.0
19.0V @ 20.0A
125
3
PSLC05
5U
5.0
6.0
11.0
18.3V @ 17.0A
20
3
PSLC05C
5B
5.0
6.0
11.0
18.3V @ 17.0A
20
3
PSLC08
8U
8.0
8.5
16.6
18.5V @ 17.0A
10
3
PSLC08C
8B
8.0
8.5
16.6
18.5V @ 17.0A
10
3
PSLC12
12U
12.0
13.3
24.0
28.6V @ 11.0A
1
3
PSLC12C
12B
12.0
13.3
24.0
28.6V @ 11.0A
1
3
PSLC15
15U
15.0
16.6
30.0
31.8V @ 10.0A
1
3
PSLC15C
15B
15.0
16.6
30.0
31.8V @ 10.0A
1
3
PSLC24
24U
24.0
26.7
N/A
56.0V @ 6.0A
1
3
PSLC24C
24B
24.0
26.7
N/A
56.0V @ 6.0A
1
3
noteS
1. Part numbers with an additional “C” suffix are bidirectional devices, i.e., PSLC05C.
2. UnidirectionalOnly: Positive potential is applied from pin 2 to 1 or pin 3 to 4.


Similar Part No. - PSLC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSLC24 PROTEC-PSLC24 Datasheet
206Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC24 PROTEC-PSLC24 Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC24 PROTEC-PSLC24 Datasheet
898Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC24-LF-T13 PROTEC-PSLC24-LF-T13 Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PSLC24-LF-T7 PROTEC-PSLC24-LF-T7 Datasheet
96Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSLC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB0403 PROTEC-USB0403_12 Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_11 Datasheet
898Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
USB0403 PROTEC-USB0403_10 Datasheet
900Kb / 9P
   350 watt low capacitance tvs array
PSMDA05-6 PROTEC-PSMDA05-6_11 Datasheet
504Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8 PROTEC-SLVU2.8_11 Datasheet
960Kb / 9P
   600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_12 Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com