Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1852Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD1852Q
Description  MPEG1 Decoder
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1852Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD1852Q Datasheet HTML 3Page - Sony Corporation CXD1852Q Datasheet HTML 4Page - Sony Corporation CXD1852Q Datasheet HTML 5Page - Sony Corporation CXD1852Q Datasheet HTML 6Page - Sony Corporation CXD1852Q Datasheet HTML 7Page - Sony Corporation CXD1852Q Datasheet HTML 8Page - Sony Corporation CXD1852Q Datasheet HTML 9Page - Sony Corporation CXD1852Q Datasheet HTML 10Page - Sony Corporation CXD1852Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
– 7 –
CXD1852Q
3-3. DC Characteristics
(Ta = –20 to +75°C, VSS = 0V, VDD = 3.3 ± 0.3V)
Item
Average operating
supply current
Input leak current
High level output voltage
High level output voltage
Low level output voltage
Low level output voltage
Output leak current
Feedback resistance
Logic threshold value
High level output voltage
Low level output voltage
IDD
II
VOH
VOH
VOL
VOL
IOZ
RFB
LVth
VOH
VOL
–40
VDD – 0.8
–40
250k
VDD/2
mA
µA
V
V
V
V
µA
V
V
V
1
2
2
2
2
2
3
4
5
5
Symbol
VI = 0 to 5.0V
IOH = –2mA
IOH = –100µA
IOL = 4mA
IOL = 100µA
VO = 0 to 5.0V,
output disabled status
VI = 0V or VI = VDD
IOH = –12mA
IOL = 12mA
Measurement conditions
Min.
VDD – 0.4
0.04
1M
VDD/2
Typ.
100
40
0.4
40
2.5M
VDD/2
Max.
Unit
Remarks
1 Input pins other than XTL0I and XTL2I
2 I/O pins and output pins other than XTL0O and XTL2O
3 Oscillators (between XTL0I and XTL0O, and between XTL2I and XTL2O)
4 XTL0I and XTL2I pins
5 XTL0O and XTL2O pins
3-4. Clock Signal AC Characteristics
XTL0I
tWHX0
tWLX0
tCX0
XTL2I
tWHX2
tWLX2
tCX2
Item
XTL0I frequency
XTL0I cycle
XTL0I high level interval
XTL0I low level interval
XTL2I frequency
XTL2I cycle
XTL2I high level interval
XTL2I low level interval
fX0
tCX0
tWHX0
tWLX0
fX2
tCX2
tWHX2
tWLX2
33.3
10
10
44.7
8
8
MHz
ns
ns
ns
MHz
ns
ns
ns
1
1
2
2
Symbol
Min.
45.1584
22.2
Typ.
60
45.4
Max.
Unit
Remarks
1 When using in combination with the XTL0O pin as an oscillator, the maximum oscillation frequency is 50MHz.
2 When using in combination with the XTL2O pin as an oscillator, the maximum oscillation frequency is 50MHz.


Similar Part No. - CXD1852Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
   MPEG1 Decoder
CXD1856R SONY-CXD1856R Datasheet
407Kb / 31P
   MPEG1 Decoder
More results

Similar Description - CXD1852Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
   MPEG1 Decoder
logo
NXP Semiconductors
SAA7131 PHILIPS-SAA7131 Datasheet
5Mb / 94P
   FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
logo
List of Unclassifed Man...
MPEG1 ETC-MPEG1 Datasheet
34Kb / 3P
   MPEG1
logo
STMicroelectronics
STI4600 STMICROELECTRONICS-STI4600 Datasheet
2Mb / 52P
   6 CHANNEL DOLBY AC-3 MPEG1/2 AUDIO DECODER
logo
List of Unclassifed Man...
ATJ2051 ETC-ATJ2051 Datasheet
626Kb / 34P
   MPEG1/2/2.5 Audio Layer 1, 2, 3 decoder
08/2004
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com