Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6126 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6126
Description  High-Speed Switching Applications DC-DC Converter Applications LCD Backlighting Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6126 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6126 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6126
2009-07-07
4
rth – tw
Pulse width tw (s)
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board (glass-epoxy; 1.6 mm thick; Cu area, 645 mm
2)
1
10
100
0.001
0.01
0.1
1
100
10
1000
1000


Similar Part No. - 2SC6126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6126 TOSHIBA-2SC6126 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SC6133 TOSHIBA-2SC6133 Datasheet
146Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6135 TOSHIBA-2SC6135 Datasheet
147Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5755 TOSHIBA-2SC5755 Datasheet
115Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com