Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VOM1271 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. VOM1271
Description  Photovoltaic MOSFET Driver with Integrated Fast Turn-Off, Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOM1271 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VOM1271
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 29-Aug-12
2
Document Number: 83469
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SOP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Fig. 1 - ton, toff Test Circuit and Waveforms
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
SSR
LED input ratings continous forward current
IF
50
mA
LED input ratings reverse voltage
IR
≤ 10 μA
VR
5V
Ambient operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Pin soldering temperature (1)
t
≤ 10 s max.
Tsld
260
°C
Isolation test voltage
between emitter and detector
t = 1 s
VISO
4500
VRMS
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
LED forward voltage
IF = 10 mA
VF
1.2
1.4
1.6
V
Open circuit voltage
IF = 5 mA
VOC
8.1
V
IF = 10 mA
VOC
7.8
8.4
V
IF = 20 mA
VOC
8.7
V
IF = 30 mA
VOC
8.9
V
Short circuit current
IF = 5 mA
ISC
7.0
μA
IF = 10 mA
ISC
6.0
15.0
μA
IF = 20 mA
ISC
30.0
μA
IF = 30 mA
ISC
47.0
μA
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
CL = 200 pF, IF = 20 mA,
PW = 2 ms, duty cycle = 50 %
ton
53
μs
Turn-off time
toff
24
μs
1
2
4
3
I
F
10 M
Ω
Turn
OFF
200 pF
V
OC, ISC
VOM1271T
Input
Output
10 %
90 %
t
on
t
off
2 ms


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn