Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VOM1271 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. VOM1271
Description  Photovoltaic MOSFET Driver with Integrated Fast Turn-Off, Solid-State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOM1271 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VOM1271
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 29-Aug-12
1
Document Number: 83469
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Photovoltaic MOSFET Driver with Integrated Fast Turn-Off,
Solid-State Relay
DESCRIPTION
The VOM1271 is a stand-alone optically isolated MOSFET
driver. Unlike conventional MOSFET drivers, which require
an external power supply to provide VCC and or VDD rails to
the driver itself, the VOM1271 obtains all the required
current to drive its internal circuitry from the LED current on
the low voltage primary side of the isolation barrier. This
saves the designer the space and cost associated with
providing one or more external power supplies. The
VOM1271 also integrates a turn-off circuit internal to the
component itself, thus doing away with the need for
additional components in order to increase the overall
switching speed by decreasing the turn-off time. These
features, combined with a small SOP4 package, provide
designers with a small footprint, highly integrated isolated
gate driver solution for a large variety of MOSFET drive
applications.
FEATURES
• Open circuit voltage at IF = 10 mA, 8.4 V typical
• Short circuit current at IF = 10 mA, 15 μA typical
• Isolation test voltage 4500 VRMS
• Logic compatible input
• High reliability
• Integrated rapid turn-off circuitry
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• High-side driver
•Solid-state relays
• Floating power supply
• Power control
• Data acquisition
•ATE
• Isolated solenoid drivers
• Isolated high current relay drivers
• Isolated high voltage relay drivers
AGENCY APPROVALS
• UL1577
• cUL, equivalent to CSA bulletin 5A
• FIMKO EN 60950-1
SAFETY AGENCY COMPLIANCE
Please see document: www.vishay.com/doc?83743
Note
• For additional information on the available options refer to option information. The product is available only on tape and reel.
4
3
1
2
Turn
Off
i179066_6
ORDERING INFORMATION
VO
M
1
2
7
1
T
PART NUMBER
TAPE
AND
REEL
PACKAGE
UL, cUL, FIMKO
SOP-4
VOM1271T
7.21 mm
SOP-4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn