Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLW0501P Datasheet(PDF) 1 Page - Protek Devices

Part # PLW0501P
Description  MINIATURE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW0501P Datasheet(HTML) 1 Page - Protek Devices

  PLW0501P_12 Datasheet HTML 1Page - Protek Devices PLW0501P_12 Datasheet HTML 2Page - Protek Devices PLW0501P_12 Datasheet HTML 3Page - Protek Devices PLW0501P_12 Datasheet HTML 4Page - Protek Devices PLW0501P_12 Datasheet HTML 5Page - Protek Devices PLW0501P_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05311.R2 10/12
Page 1
PLW0501P
miniatuRe tVS aRRaY
DeScRiPtion
The PLW0501P is a transient voltage suppressor array (TVS) designed to protect applications such as wireless telecom-
munication devices and portable electronics. The PLW0501P is available in a unidirectional configuration with a work-
ing voltage of 5.0V and a minimum breakdown voltage of 6.0V. This device is rated for 250 Watt peak pulse power
using the 8/20µs waveform, which is sufficient protection for tertiary type lightning threats at key interface locations.
The PLW0501P is also suited to protect data lines against ESD and EFT. This device meets the IEC 61000-4-2 and IEC
61000-4 requirements. At higher operating frequencies or faster edge rates, insertion loss and signal integrity are a
major concern. This device in conjunction with passive components integrated into a TVS/filter network can be used
for EMI/RFI protection.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Cable Discharge Event (CDE) Protection
• Unidirectional Configuration
• Provides 1 Line of Protection
• RoHS Compliant
• REACH Compliant
mechanicaL chaRacteRiSticS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 0.8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLicationS
• Ethernet 10/100/1000 Base T
• VoIP Phones
• Portable Electronics
• USB Interfaces
Pin conFiGuRation
DFn-2 PackaGe
1
2


Similar Part No. - PLW0501P_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW0501P PROTEC-PLW0501P Datasheet
596Kb / 6P
   MINIATURE TVS ARRAY
More results

Similar Description - PLW0501P_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW0501D PROTEC-PLW0501D_12 Datasheet
876Kb / 7P
   miniature TVS ARRAY
P5V0S1UL PROTEC-P5V0S1UL_12 Datasheet
597Kb / 6P
   MINIATURE TVS ARRAY
P5V0S1UL PROTEC-P5V0S1UL Datasheet
595Kb / 6P
   MINIATURE TVS ARRAY
PLW0501D PROTEC-PLW0501D_11 Datasheet
874Kb / 7P
   MINIATURE TVS ARRAY
PLW0501P PROTEC-PLW0501P Datasheet
596Kb / 6P
   MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
   low capacitance miniature TVS ARRAY
P5V0S1ULC PROTEC-P5V0S1ULC Datasheet
598Kb / 6P
   LOW CAPACTANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_11 Datasheet
629Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PAM17DF2L05C PROTEC-PAM17DF2L05C Datasheet
632Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com