Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98ASS23225W Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 98ASS23225W
Description  MC9S08PA60 Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASS23225W Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 98ASS23225W Datasheet HTML 3Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 4Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 5Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 6Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 7Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 8Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASS23225W Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Symbol
Description
Min.
Max.
Unit
VAIO
Analog1, RESET, EXTAL, and XTAL input voltage
–0.3
VDD + 0.3
V
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
General
Nonswitching electrical specifications
5.1.1 DC characteristics
This section includes information about power supply requirements and I/O pin
characteristics.
Table 2. DC characteristics
Symbol
C
Descriptions
Min
Typical1
Max
Unit
Operating voltage
2.7
5.5
V
VOH
P
Output high
voltage
All I/O pins, low-drive
strength
5 V, Iload =
-2 mA
VDD - 1.5
V
C
3 V, Iload =
-0.6 mA
VDD - 0.8
V
P
High current drive
pins, high-drive
strength
5 V, Iload =
-20 mA
VDD - 1.5
V
C
3 V, Iload =
-6 mA
VDD - 0.8
V
IOHT
D
Output high
current
Max total IOH for all
ports
5 V
-100
mA
3 V
-60
VOL
P
Output low
voltage
All I/O pins, low-drive
strength
5 V, Iload = 2
mA
1.5
V
C
3 V, Iload =
0.6 mA
0.8
V
P
High current drive
pins, high-drive
strength2
5 V, Iload
=20 mA
1.5
V
C
3 V, Iload = 6
mA
0.8
V
IOLT
D
Output low
current
Max total IOL for all
ports
5 V
100
mA
3 V
60
Table continues on the next page...
5
5.1
General
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
Freescale Semiconductor, Inc.
7


Similar Part No. - 98ASS23225W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98ASS23225W NXP-98ASS23225W Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASS23225W NXP-98ASS23225W Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
98ASS23225W NXP-98ASS23225W Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASS23225W NXP-98ASS23225W Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
98ASS23225W NXP-98ASS23225W Datasheet
845Kb / 38P
   Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results

Similar Description - 98ASS23225W

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com