Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PA32 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC9S08PA32
Description  MC9S08PA60 Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08PA32 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC9S08PA32 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
tTCLK
tclkh
tclkl
TCLK
Figure 9. Timer external clock
tICPW
FTMCHn
tICPW
FTMCHn
Figure 10. Timer input capture pulse
Thermal specifications
5.3.1 Thermal characteristics
This section provides information about operating temperature range, power dissipation,
and package thermal resistance. Power dissipation on I/O pins is usually small compared
to the power dissipation in on-chip logic and voltage regulator circuits, and it is user-
determined rather than being controlled by the MCU design. To take PI/O into account in
power calculations, determine the difference between actual pin voltage and VSS or VDD
and multiply by the pin current for each I/O pin. Except in cases of unusually high pin
current (heavy loads), the difference between pin voltage and VSS or VDD will be very
small.
Table 8. Thermal characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
-40 to 105
°C
Junction temperature range
TJ
-40 to 150
°C
Thermal resistance single-layer board
64-pin LQFP
θJA
71
°C/W
64-pin QFP
θJA
61
°C/W
48-pin LQFP
θJA
81
°C/W
44-pin LQFP
θJA
75
°C/W
32-pin LQFP
θJA
86
°C/W
Table continues on the next page...
5.3
Thermal specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
16
Freescale Semiconductor, Inc.


Similar Part No. - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PA32A NXP-MC9S08PA32A Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
More results

Similar Description - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com