Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08PA32 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC9S08PA32
Description  MC9S08PA60 Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08PA32 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC9S08PA32 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08PA32 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
6.3.2 Analog comparator (ACMP) electricals
Table 13. Comparator electrical specifications
C
Characteristic
Symbol
Min
Typical
Max
Unit
D
Supply voltage
VDDA
2.7
5.5
V
T
Supply current (Operation mode)
IDDA
10
20
µA
D
Analog input voltage
VAIN
VSS - 0.3
VDDA
V
P
Analog input offset voltage
VAIO
40
mV
C
Analog comparator hysteresis (HYST=0)
VH
15
20
mV
C
Analog comparator hysteresis (HYST=1)
VH
20
30
mV
T
Supply current (Off mode)
IDDAOFF
60
nA
C
Propagation Delay
tD
0.4
1
µs
6.4 Communication interfaces
6.4.1 SPI switching specifications
The serial peripheral interface (SPI) provides a synchronous serial bus with master and
slave operations. Many of the transfer attributes are programmable. The following tables
provide timing characteristics for classic SPI timing modes. Refer to the SPI chapter of
the chip's reference manual for information about the modified transfer formats used for
communicating with slower peripheral devices. All timing is shown with respect to 20%
VDD and 70% VDD, unless noted, and 100 pF load on all SPI pins. All timing assumes
slew rate control is disabled and high drive strength is enabled for SPI output pins.
Table 14. SPI master mode timing
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
1
fop
Frequency of operation
fBus/2048
fBus/2
Hz
fBus is the bus
clock
2
tSPSCK
SPSCK period
2 x tBus
2048 x tBus
ns
tBus = 1/fBus
3
tLead
Enable lead time
1/2
tSPSCK
4
tLag
Enable lag time
1/2
tSPSCK
5
tWSPSCK
Clock (SPSCK) high or low time
tBus - 30
1024 x tBus
ns
6
tSU
Data setup time (inputs)
15
ns
7
tHI
Data hold time (inputs)
0
ns
8
tv
Data valid (after SPSCK edge)
25
ns
9
tHO
Data hold time (outputs)
0
ns
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
24
Freescale Semiconductor, Inc.


Similar Part No. - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PA32A NXP-MC9S08PA32A Datasheet
897Kb / 41P
   MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
More results

Similar Description - MC9S08PA32

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com