Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1265R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD1265R
Description  CCD Camera Timing Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1265R Datasheet(HTML) 1 Page - Sony Corporation

  CXD1265R Datasheet HTML 1Page - Sony Corporation CXD1265R Datasheet HTML 2Page - Sony Corporation CXD1265R Datasheet HTML 3Page - Sony Corporation CXD1265R Datasheet HTML 4Page - Sony Corporation CXD1265R Datasheet HTML 5Page - Sony Corporation CXD1265R Datasheet HTML 6Page - Sony Corporation CXD1265R Datasheet HTML 7Page - Sony Corporation CXD1265R Datasheet HTML 8Page - Sony Corporation CXD1265R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Description
The CXD1265R generates the timing pulses
required by the CCD image sensors as well as
signal processing circuits.
Features
• NTSC and PAL compatible
• Compatible
with
digital
and
analog
camera
systems
• Black-and-white mode compatible
(EIA/CCIR compatible)
• Electronic shutter function
• H-driver
• Standby function
• Compatible with field/frame accumulation
modes∗1, 2
1 Characteristics of CCD image sensor are
guaranteed by field accumulation.
2 Low speed shutter can not be used during frame
accumulation mode.
Applications
CCD cameras
Structure
Silicon gate CMOS IC
Applicable CCD Image Sensors
ICX038BNA, ICX038BNB, ICX038BLA
ICX039BNA, ICX039BNB, ICX039BLA
ICX058AK, ICX058AKB, ICX058AL
ICX059AK, ICX059AKB, ICX059AL
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD Vss – 0.5 to +7.0
V
• Input voltage
VI Vss – 0.5 to VDD + 0.5 V
• Output voltage
VO Vss – 0.5 to VDD + 0.5 V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Supply voltage
VEE
–5 to Vss
V
• Allowable power dissipation
PD
500
mW
Recommended Operating Conditions
• Supply voltage
VDD
5.0 ± 0.25
V
• Operating temperature Topr
–20 to +75
°C
– 1 –
CXD1265R
E92611C52-ST
CCD Camera Timing Generator
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
64 pin LQFP (Plastic)
8
15 16 17 18 19 20
21
24 25
28 40
56
4
5
6
7
9
11
12
13
14
23
36
61
22
37
41
42
43
44
45
46
57
59
60
62
GATE
1/2
VD INITIALIZE
SYNC
GEN
3
10
26 27
29
30
39
38
35
34
31 32 33
47 48 49 50 51 52 53
54
55
58
23
HD INITIALIZE
2
64
1
ADR . COUNT
H – ROM
LATCH
ADR . COUNT
V – ROM
LATCH
ADR . COUNT
ROG – ROM
LATCH
MODE
SET
GATE
GATE
DRIVER
HIGH-SPEED
PULSE
GENERATION
CIRCUIT
DECODER
GATE
COUNTER
SHUT
ROM
MICROCOMPUTER
CONTROLLER
63
VSS
VDD
HTSG
VEE
DECODER
Block Diagram


Similar Part No. - CXD1265R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1261 SONY-CXD1261 Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
   CCD Vertical Clock Driver
CXD1268 SONY-CXD1268 Datasheet
112Kb / 7P
   CCD Vertical Clock Driver
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
   CCD Vertical Clock Driver
More results

Similar Description - CXD1265R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
CXD2463R SONY-CXD2463R Datasheet
414Kb / 37P
   Timing Controller for CCD Camera
logo
A1 PROs co., Ltd.
AI5412 A1PROS-AI5412 Datasheet
224Kb / 20P
   Timing Controller for CCD Monochrome Camera
Ver1.0
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com