Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS0603-FH3N7C Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLS0603-FH3N7C
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLS0603-FH3N7C Datasheet(HTML) 2 Page - TOKO, Inc

  LLS0603-FH3N7C Datasheet HTML 1Page - TOKO, Inc LLS0603-FH3N7C Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page 前頁より続く
TOKO STANDARD PART NUMBERS
東光 標準品一覧
LLS0603-FH Series (Quantity/reel; 15,000 PCS)
Q Typical
TOKO
Part number
Inductance & Tolerance
500MHz
(**300MHz)
Q
Min.
500
MHz
100
MHz
300
MHz
500
MHz
800
MHz
1000
MHz
1800
MHz
2400
MHz
S.R.F.
(MHz)
Min.
RDC
(
)
Max.
RDC
(
)
Typ.
IDC
(mA)
Max.
LLS0603-FH0N2C
0.2 nH / B, C, S
7.0
4.0
9.0
11.0
15.0
18.0
25.0
34.0
13000
0.10
0.02
300
LLS0603-FH0N3C
0.3 nH / B, C, S
7.0
4.0
9.0
11.0
15.0
18.0
25.0
34.0
13000
0.10
0.03
300
LLS0603-FH0N4C
0.4 nH / B, C, S
7.0
4.0
9.0
11.0
15.0
18.0
25.0
34.0
13000
0.10
0.03
300
LLS0603-FH0N5C
0.5 nH / B, C, S
7.0
4.0
9.0
11.0
15.0
18.0
25.0
34.0
13000
0.10
0.04
300
LLS0603-FH0N6C
0.6 nH / B, C, S
9.0
6.0
11.0
14.0
19.0
22.0
31.0
37.0
13000
0.12
0.07
300
LLS0603-FH0N7C
0.7 nH / B, C, S
9.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.12
0.07
300
LLS0603-FH0N8C
0.8 nH / B, C, S
9.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.12
0.07
300
LLS0603-FH0N9C
0.9 nH / B, C, S
9.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.12
0.07
300
LLS0603-FH1N0C
1.0 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.14
0.08
300
LLS0603-FH1N1C
1.1 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.14
0.10
300
LLS0603-FH1N2C
1.2 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.14
0.10
300
LLS0603-FH1N3C
1.3 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.14
0.10
300
LLS0603-FH1N4C
1.4 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
13000
0.14
0.10
300
LLS0603-FH1N5C
1.5 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
38.0
11000
0.16
0.10
300
LLS0603-FH1N6C
1.6 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
37.0
8500
0.16
0.10
300
LLS0603-FH1N7C
1.7 nH / B, C, S
10.0
6.0
11.0
14.0
19.0
22.0
31.0
37.0
8500
0.16
0.10
300
LLS0603-FH1N8C
1.8 nH / B, C, S
10.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.18
0.10
300
LLS0603-FH1N9C
1.9 nH / B, C, S
10.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.18
0.10
300
LLS0603-FH2N0C
2.0 nH / B, C, S
10.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.18
0.10
250
LLS0603-FH2N1C
2.1 nH / B, C, S
10.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.18
0.10
250
LLS0603-FH2N2C
2.2 nH / B, C, S
11.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.20
0.15
250
LLS0603-FH2N3C
2.3 nH / B, C, S
11.0
6.0
11.0
15.0
19.0
22.0
31.0
37.0
8500
0.20
0.15
250
LLS0603-FH2N4C
2.4 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
37.0
7000
0.20
0.15
250
LLS0603-FH2N5C
2.5 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
37.0
7000
0.20
0.15
250
LLS0603-FH2N6C
2.6 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
37.0
7000
0.20
0.15
250
LLS0603-FH2N7C
2.7 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
38.0
6000
0.20
0.15
250
LLS0603-FH2N8C
2.8 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
38.0
6000
0.25
0.15
250
LLS0603-FH2N9C
2.9 nH / B, C, S
11.0
7.0
12.0
15.0
20.0
23.0
32.0
38.0
6000
0.25
0.15
250
LLS0603-FH3N0C
3.0 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N1C
3.1 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N2C
3.2 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N3C
3.3 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N4C
3.4 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N5C
3.5 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.25
0.15
250
LLS0603-FH3N6C
3.6 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.28
0.15
250
LLS0603-FH3N7C
3.7 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.28
0.20
250
LLS0603-FH3N8C
3.8 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.28
0.20
250
LLS0603-FH3N9C
3.9 nH / B, C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
38.0
5000
0.28
0.20
250
LLS0603-FH4N3C
4.3 nH / C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
37.0
4000
0.30
0.20
250
LLS0603-FH4N7C
4.7 nH / C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
36.0
4000
0.30
0.20
250
LLS0603-FH5N1C
5.1 nH / C, S
11.0
7.0
12.0
16.0
20.0
23.0
32.0
35.0
4000
0.35
0.25
220
LLS0603-FH5N6C
5.6 nH / C, S
11.0
7.0
12.0
16.0
20.0
22.0
31.0
34.0
4000
0.35
0.25
220
LLS0603-FH6N2C
6.2nH / C, S
12.0
7.0
12.0
16.0
20.0
22.0
31.0
34.0
3500
0.35
0.25
220
LLS0603-FH6N8J
6.8nH / T,J
12.0
7.0
12.0
16.0
20.0
22.0
30.0
33.0
3500
0.40
0.30
220
LLS0603-FH7N5J
7.5nH / T,J
12.0
8.0
12.0
16.0
20.0
22.0
30.0
32.0
3000
0.50
0.30
220
LLS0603-FH8N2J
8.2nH / T,J
12.0
8.0
12.0
16.0
20.0
22.0
29.0
30.0
3000
0.60
0.30
220
LLS0603-FH9N1J
9.1nH / T,J
12.0
8.0
12.0
16.0
20.0
23.0
28.0
27.0
2500
0.65
0.35
220
LLS0603-FH10NJ
10nH / T,J
12.0
8.0
12.0
16.0
20.0
23.0
28.0
27.0
2500
0.70
0.40
220
LLS0603-FH12NJ
12nH / T,J
11.0
8.0
13.0
16.0
21.0
23.0
27.0
25.0
2500
0.70
0.40
180
LLS0603-FH15NJ
15nH / T,J
11.0
8.0
13.0
16.0
20.0
22.0
24.0
18.0
2000
0.80
0.45
180
LLS0603-FH18NJ
18nH / T,J
11.0
8.0
13.0
16.0
19.0
21.0
21.0
13.0
2000
0.85
0.50
150
LLS0603-FH22NJ
22nH / T,J
11.0
8.0
14.0
17.0
20.0
22.0
22.0
-
2000
1.70
1.30
100
LLS0603-FH27NJ
27nH / T,J
11.0
8.0
14.0
17.0
20.0
21.0
-
-
1700
1.80
1.40
50
LLS0603-FH33NJ
** 33nH / J
9.0
8.0
14.0
17.0
19.0
20.0
1400
2.00
1.55
50
LLS0603-FH39NJ
** 39nH / J
9.0
8.0
11.0
13.0
14.0
14.0
1300
2.20
1.55
50
LLS0603-FH47NJ
** 47nH / J
9.0
8.0
11.0
13.0
14.0
13.0
1100
2.30
1.60
50
LLS0603-FH56NJ
** 56nH / J
9.0
8.0
11.0
13.0
13.0
12.0
1000
2.70
1.85
50
Tolerance part number : B;±0.1nH,
C;±0.2nH,
S;±0.3nH, T;±3%,
J;±5%
●Test Equipment & note
(測定器/注意事項)
 L, Q
: RF Impedance Analyzer 4291A/B (Agilent Technologies), Test Fixture 16196C (Agilent Technologies)
 Q at 2400MHz
: RF Impedance Analyzer E4991A (Agilent Technologies), Test Fixture 16196C (Agilent Technologies)
 S.R.F./自己共振周波数
: Network Analyzer 8719D,8720D (Agilent Technologies)
 R
DC/直流抵抗
: Milliohmmeter 4338A/B (Agilent Technologies)
 Operating temperature range/使用温度範囲 : -55°C~+125°C
 Storage temperature range/保存温度範囲
: -55°C~+125°C
Multilayer Chip Inductors
積層チップインダクタ


Similar Part No. - LLS0603-FH3N7C

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLS-1040-202 CONTRINEX-LLS-1040-202 Datasheet
111Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1040-204 CONTRINEX-LLS-1040-204 Datasheet
111Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1050-202 CONTRINEX-LLS-1050-202 Datasheet
113Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1050-204 CONTRINEX-LLS-1050-204 Datasheet
113Kb / 2P
   Photoelektrischer N채herungsschalter
LLS-1120-201 CONTRINEX-LLS-1120-201 Datasheet
141Kb / 2P
   Photoelektrischer Naherungsschalter
More results

Similar Description - LLS0603-FH3N7C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com