Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10WATTVSI-MINIA Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # 10WATTVSI-MINIA
Description  Output Voltage 1.8V-3.3V Ultra High Efficiency 92%
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

10WATTVSI-MINIA Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  10WATTVSI-MINIA Datasheet HTML 1Page - Volgen Kaga Electronics Inc. 10WATTVSI-MINIA Datasheet HTML 2Page - Volgen Kaga Electronics Inc. 10WATTVSI-MINIA Datasheet HTML 3Page - Volgen Kaga Electronics Inc. 10WATTVSI-MINIA Datasheet HTML 4Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Voltage 1.8V-3.3V Ultra High Efficiency 92%
TO-3PL Size, Step-Down Non-Isolated Type DC-DC Converter
10 Watt VSI-mini A Series
Note: These test date do not represent all product.
<Test Data>
Model: VSI-5.0S2R0MA
Temp. : 25°C
Input
Output
Voltage
Current
Power
Voltage
Current
Ripple/Noise
Power
(
V)(A)(W)(V)(A)(mVp-p)(W)(%)
4.750
0.0005
0.002
3.316
0
24/24
0
-
4.751
0.366
1.739
3.304
0.501
12/20
1.655
95.17
4.743
0.733
3.477
3.302
1.005
12/20
3.319
95.46
4.753
1.105
5.252
3.300
1.505
16/20
4.967
94.57
4.754
1.486
7.064
3.298
2.006
16/24
6.616
93.66
7.499
0.0005
0.004
3.315
0
24/24
0
-
7.501
0.239
1.793
3.304
0.501
60/60
1.655
92.3
7.502
0.472
3.541
3.302
1.004
20/28
3.315
93.62
7.501
0.710
5.326
3.299
1.504
24/28
4.962
93.17
7.500
0.953
7.148
3.298
2.004
24/32
6.609
92.46
13.600
0.0004
0.005
3.315
0
20/20
0
-
13.595
0.141
1.917
3.303
0.501
48/48
1.655
86.33
13.594
0.270
3.67
3.301
1.004
32/36
3.314
90.3
13.593
0.401
5.451
3.298
1.503
32/40
4.957
90.94
13.606
0.534
7.266
3.295
2.000
32/40
6.590
90.7
<Test Circuit>
Kaga Electronics/Volgen DC-DC CONVERTERS
www.volgen.com
Efficiency
Figure 13
Figure 11
Figure 12
Efficiency vs. output current for input voltage
0
75
80
85
90
95
100
01
2
Output current (A)
Vin=4.75V
Vin=7.5V
Vin=13.6V
100
40
50
60
70
80
90
0
10
20
30
20
10
0
-10
70
60
50
40
30
Ambient Temperature (℃)


Similar Part No. - 10WATTVSI-MINIA

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
   10W LED Driver
10W-BPHE LINKCOM-10W-BPHE Datasheet
509Kb / 4P
   LED Driver
logo
Satco Products, Inc.
10W/LED/HID/5000K/12V-24V SATCO-10W/LED/HID/5000K/12V-24V Datasheet
126Kb / 1P
   10 watt - LED HID Replacement; 5000K; Medium base; 12-24 volts
logo
Roithner LaserTechnik G...
10W43HCA-H ROITHNER-10W43HCA-H Datasheet
59Kb / 1P
   HIGH POWER LED
10W4DHCB-H ROITHNER-10W4DHCB-H Datasheet
56Kb / 1P
   HIGH POWER LED
More results

Similar Description - 10WATTVSI-MINIA

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VSI-3.3S2R0MA VOLGEN-VSI-3.3S2R0MA Datasheet
617Kb / 4P
   Output Voltage 1.8V-3.3V Ultra High Efficiency TO-3PL Size, Step-Down Non-Isolated Type DC-DC Converter
logo
Hotchip Technology Co.,...
HT9261 HOTCHIP-HT9261 Datasheet
1Mb / 13P
   Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
logo
Mitsubishi Electric Sem...
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
   MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
   MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
logo
Delta Electronics, Inc.
V48SH1R830NNFA DELTA-V48SH1R830NNFA Datasheet
743Kb / 13P
   High efficiency: 89% @ 1.8V/30A
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Maxim Integrated Produc...
MAXM17906EVKIT MAXIM-MAXM17906EVKIT Datasheet
715Kb / 9P
   MAXM17906 1.8V Output-Voltage Application
Rev 0; 6/19
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Maxim Integrated Produc...
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com