Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3312-X0-LGIZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI3312-X0-LGIZ
Description  8V to 36Vin Cool-Power
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3312-X0-LGIZ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI3312-X0-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3312-X0-LGIZ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
 
Picor Corpo
 
PI3311‐
Electrical 
Unless oth
Paramete
Efficiency 
Output 
Output Vo
Output Vo
Output Vo
Line Regu
Load Regu
Output Vo
Continuou
Current Li
Input Cur
Input Curr
Inrush Inp
Input Curr
(Fault Con
Protection
UVLO Thre
UVLO Hys
OVLO Thr
OVLO Hys
UVLO/OV
UVLO/OV
OVP 
Over‐Tem
Over‐Tem
Hysteresis
Timing  
Switching 
Fault Rest
 
ration • picorpo
‐X0 (1.0 VO
Specification
erwise specifie
er 
oltage  
oltage Total Re
oltage Range 
lation 
ulation 
oltage Ripple 
us Output Curr
mit 
rent 
rent 
put Current At 
rent At Output
ndition) 
eshold 
steresis 
eshold  
steresis 
LO Fault Delay
LO Response T
mperature Fault
mperature  Rest
Frequency 
tart Delay 
ower.com            
OUT) Elect
ns  
ed: ‐40C < T<
egulation  
rent Range 
Soft Start 
t Short 
y Time 
Time 
t Threshold 
tart 
 PI33XX‐X0‐LGIZ
rical Chara
< 125C, Vin =2
Symbol 
 
VOUT_DC 
VOUT_DC 
VOUT_DC 
∆VOUT(∆VIN)
∆VOUT(∆IOUT)
VOUT_AC 
IOUT_DC 
IOUT_CL 
IIN_DC 
IIN_SS 
IIN_Short 
VUVLO 
VUVLO_HYS 
VOVLO 
VOVLO_HYS 
tf_DLY 
t
VOVP 
VOTP 
VOTP_HYS 
f
tFR_DLY 
 
Z Family Datashe
 
 
acteristics
24V, L1=120nH
Min 
 
 
0.987 
 
 
 
 
 
10.2 
 
 
 
7.08 
 
37 
 
 
 
 
130 
 
 
 
eet                Rev 
Typ 
Max
87.7  
1.0  
1.0 
1.013
1.0 
1.4 
0.1 
0.15
0.1 
0.15
20  
 
10 
 
13 
476  
200  
 
300
7.45 
7.82
0.37  
38.4 
40 
0.77  
128  
500  
20  
135 
140
30  
380  
30  
1.2 August 24, 2
Units  Co
Vi
 Io
V  0
V ‐4
V  
@
12
@
0.
mVp‐p 
Io
20
Se
A  
mA 
Vi
Io
mA 
Vi
Ci
mA  
 
 
 
 
Cycles 
N
s
c
ns 
+
A
°C  
°C  
kHz 
Vi
(1)
ms  
2012 
Page 
onditions 
in = 24V, TC = 2
out = 10 A 
0 °C  <TJ <70°C 
40 °C <TJ <125°
@ 25°C, 
2V<Vin<36V 
@ 25°C, 
.5A<Iout<10A
ut=5A, Cout=8x
0MHz BW  
ee  Iout vs. TCu
in = 24V, TC = 2
out=10A 
in=24V, Iout=0
in=4x4.7µF ML
Number of the
switching frequ
cycles 
+1% overdrive
Above VOUT 
in ≥ 18V, Iout ≤
6 of 39 
25°C,
C  
100μF, 
urves 
25°C, 
0A
LCC 
uency  
≤ 8A 


Similar Part No. - PI3312-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3312-X0-LGIZ ETC2-PI3312-X0-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
More results

Similar Description - PI3312-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com