Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P30KP75A Datasheet(PDF) 2 Page - Protek Devices

Part # P30KP75A
Description  30kW POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P30KP75A Datasheet(HTML) 2 Page - Protek Devices

  P30KP75A Datasheet HTML 1Page - Protek Devices P30KP75A Datasheet HTML 2Page - Protek Devices P30KP75A Datasheet HTML 3Page - Protek Devices P30KP75A Datasheet HTML 4Page - Protek Devices P30KP75A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05315.R4 9/12
Page 2
P30KP30A - P30KP260A
tyPicAl Device chARActeRistics
mAXimum RAtinGs @ 25°c unless otherwise specified
PARAmeteR
symBol
vAlue
units
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
30,000
Watts
Forward Surge Rating - 1/120 seconds - See Note 2
I
F
200
Amps
Steady State Power Dissipation
P
P
1.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
electRicAl chARActeRistics PeR line @ 25°c unless otherwise specified
PARt
numBeR
(notes 1 - 2)
RAteD
stAnD-oFF
voltAGe
v
Wm
volts
BReAKDoWn
voltAGe
mAXimum
leAKAGe
cuRRent
@v
Wm
i
D
µA
mAXimum
clAmPinG
voltAGe
(Fig. 2)
@ 10/1000µs
v
c @ iPP
temPeRAtuRe
coeFFicient
oF v
(BR)
qv
(BR)
mv/°c
min
v
(BR)
volts
@i
t
mA
P30KP30A
30.0
33.3
50
5000
55.2V @ 543.0A
34
P30KP33A
33.0
36.7
50
5000
58.6V @ 512.0A
39
P30KP36A
36.0
40.0
50
2000
61.8V @ 485.0A
41
P30KP43A
43.0
47.8
50
1000
73.0V @ 410.0A
50
P30KP48A
48.0
53.3
5
250
77.4V @ 388.0A
56
P30KP54A
54.0
60.3
5
20
91.4V @ 331.5A
62
P30KP58A
58.0
64.4
5
20
92.4V @ 325.0A
68
P30KP64A
64.0
71.1
5
10
104.0V @ 294.0A
76
P30KP70A
70.0
77.8
5
10
109.0V @ 274.0A
83
P30KP75A
75.0
83.3
5
10
119.4V @ 251.0A
89
P30KP85A
85.0
94.4
5
10
139.0V @ 216.0A
105
P30KP90A
90.0
100.0
5
10
147.0V @ 206.0A
109
P30KP100
100.0
111.0
5
10
179.0V @ 168.0A
134
P30KP100A
100.0
111.0
5
10
162.0V @ 186.0A
121
P30KP130A
130.0
144.0
5
10
209.0V @ 142.0A
157
P30KP160A
160.0
178.0
5
10
252.6V @ 119.0A
195
P30KP170A
170.0
189.0
5
10
274.0V @ 110.0A
207
P30KP180A
180.0
200.0
5
10
291.0V @ 104.0A
230
P30KP220A
220.0
245.0
5
10
356.0V @ 84.0A
269
P30KP260A
260.0
289.0
5
10
416.0V @ 72.0A
317
notes
1. Part numbers shown are unidirectional devices. Add a “CA” suffix to specify bidirectional devices, such as P30KP30cA. Devices shown are prefered voltages. Contact factory for ad-
ditional voltages.
2. V
F = 15 Volts @ 200A, 8.3ms(1/2 Sine Wave) - Unidirectional devices only.


Similar Part No. - P30KP75A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP75A PROTEC-P30KP75A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP75A PROTEC-P30KP75A Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
More results

Similar Description - P30KP75A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com