Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3311-XO-LGIZ Datasheet(PDF) 23 Page - Vicor Corporation

Part # PI3311-XO-LGIZ
Description  8V to 36Vin Cool-Power
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3311-XO-LGIZ Datasheet(HTML) 23 Page - Vicor Corporation

Back Button PI3311-XO-LGIZ Datasheet HTML 19Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 20Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 21Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 22Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 23Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 24Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 25Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 26Page - Vicor Corporation PI3311-XO-LGIZ Datasheet HTML 27Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
 
Picor Corpo
PI3303‐
(continu
Unless oth
Paramete
Input Pow
Input Volt
Input Volt
Input Quie
Soft Start 
TRK Active
TRK Offse
Charge Cu
Discharge
Soft‐Start 
Enable 
Enable Hig
Enable Lo
Enable Th
Enable Pu
Enable Pu
Source Cu
Sink Curre
Sync In (S
Synchroni
SYNCI Thr
SYNCI Pro
Sync Out 
SYNCO Hig
SYNCO Lo
SYNCO Ris
SYNCO Fa
 
 
ration • picorpo
‐X0 Electric
ued)  
erwise specifie
er 
wer  
tage 
tage Slew Rate
escent Current
And Tracking 
e Range (Nomi
t Voltage / Dis
urrent (Soft –St
 Current (Fault
Time 
gh Threshold 
w Threshold 
reshold Hyster
ll‐Up Voltage 
ll‐Down Voltag
urrent 
ent 
YNCI) 
ization Frequen
reshold 
ogrammable Ph
(SYNCO) 
gh 
se Time 
ll Time 
ower.com            
cal Specific
ed: ‐40C < T<
 
Function 
inal) 
able Threshold
tart) 
t) 
resis 
ge 
ncy Range 
hase  Shift 
 PI33XX‐X0‐LGIZ
cations  
< 125C, Vin =2
Symbol 
VIN_DC 
VIN_SR 
IQ_VIN 
VTRK 
VTRK_OV 
ITRK 
ITRK_DIS 
tSS 
VEN_HI 
VEN_LO 
VEN_HYS 
VEN_PU 
VEN_PD 
IEN_SO 
IEN_SK 
∆fSYNCI 
VSYNCI 
∆φSYNCI 
VSYNCO_HI
VSYNCO_LO
tSYNCO_RT 
tSYNCO_FT
 
Z Family Datashe
 
 
24V,  
Min 
Typ
15.5 
 
 
2
20 
‐70 
 
6
 
2
0.9 
0.7 
0
100 
2
 
 
 
 
50 
 
2
4.5 
 
 
 
eet                Rev 
 
Max 
24 
36 
 
2
2.5 
 
 
40 
60 
‐50 ‐30 
6.8  
2.2 
2.6 
1.1 
0.8 
0.9 
200 
300
2  
0  
‐50  
50  
 
110
2.5  
 
270
 
5.2 
 
0.5 
10 
20 
10 
20 
1.2 August 24, 2
Units 
Co
V  
V/μs 
 
mA 
Di
En
V  
mV  
µA  
mA 
 
ms 
N
Io
V  
V  
mV  
V  
V  
uA  
uA  
W
se
fr
V  
°  
So
S
ns 
2
ns 
2
2012 
Page 2
onditions 
isabled 
nabled 
o external CTRK
out ≤ 8A 
With respect to 
et switching 
equency 
ource 1mA. 
Sink 1mA. 
20pF load 
20pF load 
23 of 39 
, 0A< 
the 


Similar Part No. - PI3311-XO-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3311-x0 VICOR-PI3311-x0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3311-X0 VICOR-PI3311-X0 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
List of Unclassifed Man...
PI3311-X0-LGIZ ETC2-PI3311-X0-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3311-X1 VICOR-PI3311-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
logo
List of Unclassifed Man...
PI3311-X1-LGIZ ETC2-PI3311-X1-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
More results

Similar Description - PI3311-XO-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com