Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P30KP33A Datasheet(PDF) 3 Page - Protek Devices

Part # P30KP33A
Description  30kW POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P30KP33A Datasheet(HTML) 3 Page - Protek Devices

  P30KP33A Datasheet HTML 1Page - Protek Devices P30KP33A Datasheet HTML 2Page - Protek Devices P30KP33A Datasheet HTML 3Page - Protek Devices P30KP33A Datasheet HTML 4Page - Protek Devices P30KP33A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05315.R4 9/12
Page 3
P30KP30A - P30KP260A
tyPicAl Device chARActeRistics
FiGuRe 1
PeAK Pulse PoWeR vs Pulse time
t
d - Pulse Duration - µs
30kW, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
1
10
100
1,000
Peak Pulse Power
10/1000µs
FiGuRe 3
PoWeR DeRAtinG cuRve
t
l - lead temperature - °c
0
25
50
75
100
125
150
0
20
40
60
80
100
FiGuRe 2
Pulse WAveFoRm
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - time - ms
0
50
100


Similar Part No. - P30KP33A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP33A PROTEC-P30KP33A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP33A PROTEC-P30KP33A Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
More results

Similar Description - P30KP33A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com