Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ3E2X7R1E102KTXXXX Datasheet(PDF) 5 Page - TDK Electronics

Part # CGJ3E2X7R1E102KTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3E2X7R1E102KTXXXX Datasheet(HTML) 5 Page - TDK Electronics

  CGJ3E2X7R1E102KTXXXX Datasheet HTML 1Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 2Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 3Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 4Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 5Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 6Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 7Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 8Page - TDK Electronics CGJ3E2X7R1E102KTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TDK MLCC US Catalog
Version C11
Page 4
Capacitance
Range Table
CGJ2 [EIA CC0402]
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
CGJ2B2C0G1H101J
C0G
50V
100
± 5%
0.50 ± 0.05
CGJ2B2C0G1H121J
C0G
50V
120
± 5%
0.50 ± 0.05
CGJ2B2C0G1H151J
C0G
50V
150
± 5%
0.50 ± 0.05
CGJ2B2C0G1H181J
C0G
50V
180
± 5%
0.50 ± 0.05
CGJ2B2C0G1H221J
C0G
50V
220
± 5%
0.50 ± 0.05
CGJ2B2C0G1H271J
C0G
50V
270
± 5%
0.50 ± 0.05
CGJ2B2C0G1H331J
C0G
50V
330
± 5%
0.50 ± 0.05
CGJ2B2C0G1H391J
C0G
50V
390
± 5%
0.50 ± 0.05
CGJ2B2C0G1H471J
C0G
50V
470
± 5%
0.50 ± 0.05
CGJ2B2C0G1H561J
C0G
50V
560
± 5%
0.50 ± 0.05
CGJ2B2C0G1H681J
C0G
50V
680
± 5%
0.50 ± 0.05
CGJ2B2C0G1H821J
C0G
50V
820
± 5%
0.50 ± 0.05
CGJ2B2C0G1H102J
C0G
50V
1,000
± 5%
0.50 ± 0.05
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)


Similar Part No. - CGJ3E2X7R1E102KTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E102J TDK-CGJ3E2X7R1E102J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
More results

Similar Description - CGJ3E2X7R1E102KTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com