Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1217 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD1217
Description  Synchronizing Signal Generator for Video Camera
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1217 Datasheet(HTML) 1 Page - Sony Corporation

  CXD1217 Datasheet HTML 1Page - Sony Corporation CXD1217 Datasheet HTML 2Page - Sony Corporation CXD1217 Datasheet HTML 3Page - Sony Corporation CXD1217 Datasheet HTML 4Page - Sony Corporation CXD1217 Datasheet HTML 5Page - Sony Corporation CXD1217 Datasheet HTML 6Page - Sony Corporation CXD1217 Datasheet HTML 7Page - Sony Corporation CXD1217 Datasheet HTML 8Page - Sony Corporation CXD1217 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Synchronizing Signal Generator for Video Camera
Description
The CXD1217M is a synchronizing signal generator
for color video cameras.
Features
• Compatible with the respective systems, NTSC,
PALM, PAL and SECAM
• Output is synchronized with the clock of 910fH or
908fH
• 25Hz offset processing by PAL system
• Color framing by the respective systems, NTSC,
PALM and PAL
• Possible external synchronization by H reset, V
reset and line alternate reset pins
Applications
Synchronizing signal generator for color video
cameras
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
VSS – 0.5 to +7.0
V
• Input voltage
VI
VSS – 0.5 to VDD + 0.5
V
• Output voltage
VO
VSS – 0.5 to VDD + 0.5
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
VDD
4.5 to 5.5
V
• Operating temperature
Topr
–20 to +75
°C
– 1 –
E89626A79-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXD1217M
28 pin SOP (Plastic)


Similar Part No. - CXD1217

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217 SONY-CXD1217 Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
More results

Similar Description - CXD1217

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
Panasonic Semiconductor
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
MN67603NS PANASONIC-MN67603NS Datasheet
46Kb / 7P
   NTSC Color Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
logo
List of Unclassifed Man...
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
ON Semiconductor
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com