Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD1179Q Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXD1179Q
Description  8-bit 35MSPS Video A/D Converter with Clamp Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1179Q Datasheet(HTML) 4 Page - Sony Corporation

  CXD1179Q Datasheet HTML 1Page - Sony Corporation CXD1179Q Datasheet HTML 2Page - Sony Corporation CXD1179Q Datasheet HTML 3Page - Sony Corporation CXD1179Q Datasheet HTML 4Page - Sony Corporation CXD1179Q Datasheet HTML 5Page - Sony Corporation CXD1179Q Datasheet HTML 6Page - Sony Corporation CXD1179Q Datasheet HTML 7Page - Sony Corporation CXD1179Q Datasheet HTML 8Page - Sony Corporation CXD1179Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
—4—
CXD1179Q
15
CLP
18
VRT
24
VRB
21
VIN
25
VRBS
17
VRTS
Inputs clamp pulse to Pin 15 (CLP).
Clamps the signal voltage during Low
interval.
Generates about +2.6 V when shorted
with VRT.
Reference voltage (top)
Reference voltage (bottom)
Analog input
Generates about +0.6 V when shorted
with VRB.
Pin No.
Symbol
Equivalent circuit
Description
22, 23
AVSS
16, 19, 20
AVDD
15
DVDD
DVSS
17
AVDD
18
24
AVDD
AVSS
21
AVDD
AVSS
25
AVSS
Analog +5 V
Analog ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn