Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD1176Q Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXD1176Q
Description  8-bit 20MSPS Video A/D Converter with Clamp Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1176Q Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD1176Q Datasheet HTML 2Page - Sony Corporation CXD1176Q Datasheet HTML 3Page - Sony Corporation CXD1176Q Datasheet HTML 4Page - Sony Corporation CXD1176Q Datasheet HTML 5Page - Sony Corporation CXD1176Q Datasheet HTML 6Page - Sony Corporation CXD1176Q Datasheet HTML 7Page - Sony Corporation CXD1176Q Datasheet HTML 8Page - Sony Corporation CXD1176Q Datasheet HTML 9Page - Sony Corporation CXD1176Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
—6—
CXD1176Q
Digital Output
Correspondence between the analog input voltage and the digital output code is indicated in the chart below.
TPW1
TPW0
N
N + 1
N + 2
N + 3
N + 4
N – 3
N – 2
N – 1
N
N + 1
Td = 18ns
Clock
Analog input
Data output
: Points where analog signals are sampled.
tr = 4.5ns
tf = 4.5ns
2.5V
tPLZ
tPHZ
10%
90%
tPZH
1.3V
1.3V
tPZL
10%
90%
5V
0V
VOH
VOL (
≠ DVSS)
VOH (
≠ DVDD)
VOL
OE input
Output 1
Output 2
Input signal
voltage
Step
Digital output code
MSB
LSB
VRT
..
..
..
..
..
..
VRB
0.
..
127
128
..
.
255
1 1 1 1 1 1 1 1
..
.
1 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1
..
.
0 0 0 0 0 0 0 0
Timing Chart. I
Timing Chart. II


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn