Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD1176Q Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXD1176Q
Description  8-bit 20MSPS Video A/D Converter with Clamp Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1176Q Datasheet(HTML) 4 Page - Sony Corporation

  CXD1176Q Datasheet HTML 1Page - Sony Corporation CXD1176Q Datasheet HTML 2Page - Sony Corporation CXD1176Q Datasheet HTML 3Page - Sony Corporation CXD1176Q Datasheet HTML 4Page - Sony Corporation CXD1176Q Datasheet HTML 5Page - Sony Corporation CXD1176Q Datasheet HTML 6Page - Sony Corporation CXD1176Q Datasheet HTML 7Page - Sony Corporation CXD1176Q Datasheet HTML 8Page - Sony Corporation CXD1176Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
—4—
CXD1176Q
15
PW
18
VRT
24
VRB
21
VIN
25
VRBS
17
VRTS
When a clamp pulse is generated at
the monostable multivibrator, the
pulse width is determined by the
external R and C.
When the clamp pulse is directly
input, it is input to Pin 15 (PW). The
signal voltage of the low period is
clamped. (Here, Pin 14 (sync) is fixed
to either low or high.)
When shorted with VRT, generates
approx. +2.6 V.
Reference voltage (top)
Reference voltage (bottom)
Analog input
When shorted with VRB, generates
approx. +0.5 V.
Pin No.
Symbol
Equivalent circuit
Description
22, 23
AVSS
16, 19, 20
AVDD
17
AVDD
18
24
AVDD
AVSS
21
AVDD
AVSS
25
AVSS
Analog +5 V
Analog ground
15
DVDD
DVSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn