Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1176Q Datasheet(PDF) 22 Page - Sony Corporation

Part # CXD1176Q
Description  8-bit 20MSPS Video A/D Converter with Clamp Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1176Q Datasheet(HTML) 22 Page - Sony Corporation

Back Button CXD1176Q Datasheet HTML 17Page - Sony Corporation CXD1176Q Datasheet HTML 18Page - Sony Corporation CXD1176Q Datasheet HTML 19Page - Sony Corporation CXD1176Q Datasheet HTML 20Page - Sony Corporation CXD1176Q Datasheet HTML 21Page - Sony Corporation CXD1176Q Datasheet HTML 22Page - Sony Corporation CXD1176Q Datasheet HTML 23Page - Sony Corporation CXD1176Q Datasheet HTML 24Page - Sony Corporation CXD1176Q Datasheet HTML 25Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
—22—
CXD1176Q
2. Example when latch up easily occurs
a. When analog and digital supplies are from different sources
10
11
16
19
22
23
28
31
AVDD
+5V
C6
AVSS
DVSS
AVSS
DVSS
AVDD
DVDD
CXD1176Q
DVDD
DIGITAL IC
20
+5V
b. When analog and digital supplies are from a common source
(i)
10
11
16
19
20
22
23
28
31
+5V
C6
AVSS
DVSS
AVSS
DVSS
AVDD
DVDD
CXD1176Q
DVDD
DIGITAL IC
AVDD
10
11
16
19
20
22
23
28
31
+5V
AVSS
DVSS
AVSS
DVSS
AVDD
DVDD
CXD1176Q
DVDD
DIGITAL IC
AVDD
(ii)


Similar Part No. - CXD1176Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Similar Description - CXD1176Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com