Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1172AM Datasheet(PDF) 4 Page - Sony Corporation

Part # CXD1172AM
Description  6-bit 20MSPS Video A/D Converter (CMOS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1172AM Datasheet(HTML) 4 Page - Sony Corporation

  CXD1172AM Datasheet HTML 1Page - Sony Corporation CXD1172AM Datasheet HTML 2Page - Sony Corporation CXD1172AM Datasheet HTML 3Page - Sony Corporation CXD1172AM Datasheet HTML 4Page - Sony Corporation CXD1172AM Datasheet HTML 5Page - Sony Corporation CXD1172AM Datasheet HTML 6Page - Sony Corporation CXD1172AM Datasheet HTML 7Page - Sony Corporation CXD1172AM Datasheet HTML 8Page - Sony Corporation CXD1172AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
– 4 –
CXD1172AM/AP
Electrical Characteristics
(VDD = 5V, VRB = 1.0V, VRT = 2.0V, Ta = 25°C)
Conversion speed
Supply current
Reference pin current
Analog input band width
(–1dB)
Analog input capacitance
Reference resistance
(VRT to VRB)
Offset voltage∗1
Digital input voltage
Digital input current
Digital output current
Output data delay
Integral non-linearity error
Differential non-linearity
error
Differential gain error
Differential phase error
Aperture jitter
Sampling delay
0.5
3
175
0
15
4.0
–1.1
3.7
VDD = 4.75 to 5.25V
Ta = –20 to +75°C
VIN = 1.0 to 2.0V
fIN = 1kHz ramp
Fc = 20MSPS
NTSC ramp wave input
Envelope
VIN = 1.5V + 0.07Vrms
Potential difference to VRT
Potential difference to VRB
VDD = 4.75 to 5.25V
Ta = –20 to +75°C
VDD = max.
VDD = min.
With TTL 1 gate and 10pF load
Ta = –20 to +75°C
VDD = 4.75 to 5.25V
End point
NTSC 40 IRE mod ramp
Fc = 14.3MSPS
7
4
18
4
250
–20
35
18
±0.3
±0.3
1.0
1.0
40
4
20
12
5.7
325
–40
55
1.0
5
5
30
±0.5
±0.5
MSPS
mA
MHz
pF
mV
V
µA
mA
ns
LSB
%
deg
ps
ns
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
1 The offset voltage EOB is a potential difference between VRB and a point of position where the voltage
drops equivalent to 1/2 LSB of the voltage when the output data changes from "00000000" to "00000001".
EOT is a potential difference between VRT and a potential of point where the voltage rises equivalent to
1/2 LSB of the voltage when the output data changes from "11111111" to "11111110".
VIH = VDD
VIL = 0V
VOH = VDD + 0.5V
VOL = 0.4V
Fc
IDD
IREF
BW
CIN
RREF
EOT
EOB
VIH
VIL
IIH
IIL
IOH
IOL
TDL
EL
ED
DG
DP
Taj
Tsd


Similar Part No. - CXD1172AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Similar Description - CXD1172AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
logo
Intersil Corporation
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com