Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA0204HF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CMA0204HF
Description  Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMA0204HF Datasheet(HTML) 6 Page - Vishay Siliconix

  CMA0204HF Datasheet HTML 1Page - Vishay Siliconix CMA0204HF Datasheet HTML 2Page - Vishay Siliconix CMA0204HF Datasheet HTML 3Page - Vishay Siliconix CMA0204HF Datasheet HTML 4Page - Vishay Siliconix CMA0204HF Datasheet HTML 5Page - Vishay Siliconix CMA0204HF Datasheet HTML 6Page - Vishay Siliconix CMA0204HF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ff3bresistors@vishay.com
Document Number: 28759
100
Revision: 01-Dec-09
CMA 0204 HF
Vishay Beyschlag
Pulse Load Carbon Film MELF Resistors for
High Frequency Applications
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the 12NC Indicating Resistance
Decade table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC Example
The 12NC of a CMA 0204 HF resistor, value 50
 with ± 1 %
tolerance, supplied in blister tape of 3000 units per reel was:
2312 158 25009.
RESISTANCE DECADE
LAST DIGIT
10
 to 99.9
9
100
 to 999 
1
HISTORICAL 12NC - Resistor Type and Packaging
DESCRIPTION
CODE 2312 ... .....
BLISTER TAPE ON REEL
TYPE
TOL.
BL
3000 UNITS
CMA 0204 HF
± 2 %
158 2....


Similar Part No. - CMA0204HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
106Kb / 8P
   High Pulse Load MELF Resistor
Revision: 27-Feb-04
CMA0204 VISHAY-CMA0204 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
CMA02040X4701GB000 VISHAY-CMA02040X4701GB000 Datasheet
140Kb / 10P
   High Pulse Load MELF Resistor
Revision: 18-Jul-06
CMA02040X4701GB300 VISHAY-CMA02040X4701GB300 Datasheet
140Kb / 10P
   High Pulse Load MELF Resistor
Revision: 18-Jul-06
CMA02040X4701GB300 VISHAY-CMA02040X4701GB300 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
More results

Similar Description - CMA0204HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
   High Pulse Load Carbon Film Leaded Resistors
Revision: 07-Jul-10
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
   High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
Revision: 16-May-13
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
   RDM Carbon Film Melf Resistors
logo
Vishay Siliconix
SPW VISHAY-SPW Datasheet
89Kb / 3P
   Carbon Film Resistors, Special Purpose High Frequency Load (Tubes)
Revision 06-Sep-04
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com