Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCV373FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VHCV373FK
Description  Octal Schmitt D-Type Latch with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV373FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHCV373FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VHCV373FK Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC74VHCV373FT/FK
2010-07-28
7
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic
VOL
VOLP
CL = 50 pF
3.3
5.0
0.3
0.7
V
Quiet output minimum dynamic
VOL
VOLV
CL = 50 pF
3.3
5.0
0.1
0.4
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V


Similar Part No. - TC74VHCV373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV374FK TOSHIBA-TC74VHCV374FK Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
TC74VHCV374FT TOSHIBA-TC74VHCV374FT Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
More results

Similar Description - TC74VHCV373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV573FK TOSHIBA-TC74VHCV573FK Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com