Electronic Components Datasheet Search |
|
CGJ3E2X7R1H010KTXXXX Datasheet(PDF) 3 Page - TDK Electronics |
|
CGJ3E2X7R1H010KTXXXX Datasheet(HTML) 3 Page - TDK Electronics |
3 / 17 page TDK MLCC US Catalog Version C11 Page 2 CGJ Series Extended Life Capacitors Type: CGJ2 (C1005), CGJ3 (C1608), CGJ4 (C2012), CGJ5 (C3216) • Extended Life series capacitor featuring increased evaluation during manufacturing to promote longer life • Life test performs at 2x rated voltage for 2000 hrs • Reliability tests based on MIL-STD requirements • Guaranteed TC Bias and Hot IR performance • Anti-counterfeit/tamper-proof seal to assist in the identification of authentic TDK CGJ products. The condition of the seal also indicates if the product has been tampered with in the supply chain • Certificate of Compliance (CofC) documentation is provided for each CGJ lot. Consumers of CGJ products can view each lot specific CofC on the TDK website • Available optional UHF (Ultra High Frequency) RFID tag to allow integration with customer RFID programs such as inventory management • CGJ customer priority backed by TDK factory support by 3/3/7 policy (3hrs: acknowledgement, 3 days: response with initial failure mode, 7 days: full failure analysis report) Applications • Smart Meter •Smart Grid • Solar Inverters • Charging station • Applications that require extended life performance Features Shape & Dimension s Dimensions in mm Part Number Construction Series Name Rated Voltage (DC) Nominal Capacitance (pF) Capacitance Tolerance Packaging Style Internal Codes CGJ 5 L 2 X7R 1A 106 K T XXXX Symbol Length Width 2 1.00 ± 0.05 0.50 ± 0.05 3 1.60 ± 0.10 0.80 ± 0.10 4 2.00 ± 0.20 1.25 ± 0.20 5 3.20 ± 0.20 1.60 ± 0.20 3.20 +0.30/-0.10 1.60 +0.30/-0.10 Symbol Thickness B 0.50 mm C 0.60 mm E 0.80 mm F 0.85 mm Symbol Thickness H 1.15 mm J 1.25 mm L 1.60 mm Symbol Condition 22 × R.V. Temperature Characteristic s Capacitance Change Temperature Range C0G 0±30 ppm/ºC -55 to +125ºC X7R ± 15% -55 to +125ºC Packaging Code Style T Tape & Reel Tolerance Code Tolerance J ± 5% K ± 10% M ± 20% The capacitance is expressed in three digit codes and in units of pico Farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. Capacitance Code Capacitance 0R5 0.5pF 010 1pF 102 1,000pF (1nF) 105 1,000,000pF (1µF) L Body Length W Body Width T Body Height B Terminal Width Voltage Code Voltage (DC) 0J 6.3V 1A 10V 1C 16V 1E 25V 1H 50V Voltage Condition for Life Test Temperature Characteristic Dimensions L x W (mm) Thickness T (mm) |
Similar Part No. - CGJ3E2X7R1H010KTXXXX |
|
Similar Description - CGJ3E2X7R1H010KTXXXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |