Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC244FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC244FT
Description  Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC244FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC244FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC244FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC240,244F/FT/FK
2009-04-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.3
7.5
1.0
9.0
3.3
± 0.3
50
7.8
11.0
1.0
12.5
15
3.6
5.5
1.0
6.5
Propagation delay
time
(TC74VHC240)
tpLH
tpHL
5.0
± 0.5
50
5.1
7.5
1.0
8.5
ns
15
5.8
8.4
1.0
10.0
3.3
± 0.3
50
8.3
11.9
1.0
13.5
15
3.9
5.5
1.0
6.5
Propagation delay
time
(TC74VHC244)
tpLH
tpHL
5.0
± 0.5
50
5.4
7.5
1.0
8.5
ns
15
6.6
10.6
1.0
12.5
3.3
± 0.3
50
9.1
14.1
1.0
16.0
15
4.7
7.3
1.0
8.5
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
6.2
9.3
1.0
10.5
ns
3.3
± 0.3
50
10.3
14.0
1.0
16.0
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
6.7
9.2
1.0
10.5
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC74VHC240
17
Power dissipation
capacitance (Note 2)
CPD
TC74VHC244
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC / 8 (per bit)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.5
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.5
−0.8
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V


Similar Part No. - TC74VHC244FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC244FT-EL TOSHIBA-TC74VHC244FT-EL Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHC244FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
   TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU Datasheet
189Kb / 4P
   INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU_01 Datasheet
207Kb / 5P
   INVERTED, 3-STATE OUTPUTS
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
TC7MET240AFK TOSHIBA-TC7MET240AFK_07 Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com