Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXB1581Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXB1581Q
Description  Fibre Channel Transmitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1581Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXB1581Q Datasheet HTML 6Page - Sony Corporation CXB1581Q Datasheet HTML 7Page - Sony Corporation CXB1581Q Datasheet HTML 8Page - Sony Corporation CXB1581Q Datasheet HTML 9Page - Sony Corporation CXB1581Q Datasheet HTML 10Page - Sony Corporation CXB1581Q Datasheet HTML 11Page - Sony Corporation CXB1581Q Datasheet HTML 12Page - Sony Corporation CXB1581Q Datasheet HTML 13Page - Sony Corporation CXB1581Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
– 10 –
CXB1581Q
59
LPF_A
External
part
connection
pin
External loop filter
connection. (See
Notes on Operation
and Fig. 1.)
VEEP1
VCCP
LPF_A
LPF_B
VEEP2
60
LPF_B
External
part
connection
pin
External loop filter
connection. (See
Notes on Operation
and Fig. 1.)
61, 62,
78
VEEE
Power
supply
0V
Negative power
supplies for ECL I/O.
VEEP1
VCCP
LPF_A
LPF_B
VEEP2
64
63
EXCLK
EXCLK∗
ECL
input
(differen
-tial)
Open
External clock inputs.
When ECLKSEL∗ is
set to low level, the
clock input to these
pins is used as the
transmission bit
clock. EXCLK is
biased to become
low level when left
open.
VEEG
VEEE
EXCLK∗
EXCLK
VCCE
VCCG
VCCE – 1.3V
66
65
SDIN
SDIN∗
ECL
input
(differen
-tial)
ECL level
Serial data inputs.
When SDSEL is set
to high level, the data
input to these pins is
output unmodified
from SDOUT.
VEEE
SDIN∗
SDIN
VCCE
VEEG
VCCG
VCCE – 1.3V
Symbol
Type
Equivalent circuit
Description
Pin
No.
Typical pin
I/O voltage


Similar Part No. - CXB1581Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
   266Mbaud Fibre Channel Transceiver IC
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
   10 Bit 1.0625 Gbaud Transceiver
More results

Similar Description - CXB1581Q

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1512 HP-HDMP-1512 Datasheet
259Kb / 26P
   Fibre Channel Transmitter and Receiver Chipset
logo
TriQuint Semiconductor
TQ9501 TRIQUINT-TQ9501 Datasheet
284Kb / 16P
   531/1063 Mbaud Fibre Channel Transmitter and Receiver
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
   FIBRE CHANNEL
logo
Fox Electronics
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
   FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
   FIBRE CHANNEL
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
   FIBRE CHANNEL
FXO-PC735RFC-159375 FOX-FXO-PC735RFC-159375 Datasheet
203Kb / 2P
   FIBRE CHANNEL
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
   10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com