Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC164FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC164FK
Description  8-Bit Shift Register (S-IN, P-OUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC164FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC164FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC164FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC164F/FT/FK
2012-02-29
5
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (L)
tw (H)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum pulse width
( CLR )
tw (L)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum set-up time
ts
3.3 ± 0.3
5.0 ± 0.5
5.0
4.5
6.0
4.5
ns
Minimum hold time
th
3.3 ± 0.3
5.0 ± 0.5
0.0
1.0
0.0
1.0
ns
Minimum removal time
( CLR )
trem
3.3 ± 0.3
5.0 ± 0.5
2.5
2.5
2.5
2.5
ns
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.4
12.8
1.0
15.0
3.3 ± 0.3
50
10.9
16.3
1.0
18.5
15
5.8
9.0
1.0
10.5
Propagation delay
time
(CK-Q)
tpLH
tpHL
5.0 ± 0.5
50
7.3
11.0
1.0
12.5
ns
15
8.3
12.8
1.0
15.0
3.3 ± 0.3
50
10.8
16.3
1.0
18.5
15
5.2
8.6
1.0
10.0
Propagation delay
time
( CLR -Q)
tpHL
5.0 ± 0.5
50
6.7
10.6
1.0
12.0
ns
15
80
125
65
3.3 ± 0.3
50
50
75
45
15
125
175
105
Maximum clock
frequency
fmax
5.0 ± 0.5
50
85
115
75
MHz
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
76
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Max
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.5
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.5
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V


Similar Part No. - TC74VHC164FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC164FK TOSHIBA-TC74VHC164FK Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
More results

Similar Description - TC74VHC164FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com