Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC163F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VHC163F
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC163F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VHC163F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 12Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
9
Switching Characteristics Test Waveform
Figure 1 Count Mode
Figure 4 Clear Mode (TC74VHC161)
CK
50%
twH
twL
VCC
GND
50%
VOH
VOL
tpHL
50%
50%
tpLH
Q,
CARRY
CLR
50%
twL
VCC
GND
VOH
VOL
trem
50%
50%
tpHL
CK
Q,
CARRY
VCC
GND
Figure 2 Preset Mode
Figure 5 Clear Mode (TC74VHC163)
LOAD
50%
ts
VCC
GND
th
50%
ts
th
50%
ts
th
50%
A to D
tpLH, tpHL
50%
VCC
GND
CK
VOH
VOL
Q,
CARRY
50%
CLR
50%
VCC
GND
VOH
VOL
50%
CK
Q,
CARRY
VCC
GND
50%
ts
th
ENP
ENT
50%
ts
VCC
GND
th
50%
ts
th
CK
Q
VOH
VOL
VCC
GND
50%
50%
VOH
VOL
ENT
VCC
GND
50%
50%
CARRY
50%
50%
tpLH
tpHL
Figure 3 Count Enable Mode
Figure 6 Cascade Mode
(fix maximum count)


Similar Part No. - TC74VHC163F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC163FK TOSHIBA-TC74VHC163FK Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
TC74VHC163FS TOSHIBA-TC74VHC163FS Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Similar Description - TC74VHC163F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com