Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC163F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74VHC163F
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC163F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VHC163F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC163F_12 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
8
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.3
12.8
1.0
15.0
3.3 ± 0.3
50
10.8
16.3
1.0
18.5
15
4.9
8.1
1.0
9.5
Propagation delay
time
(CK-Q)
tpLH
tpHL
Figure 1,
Figure 2
5.0 ± 0.5
50
6.4
10.1
1.0
11.5
ns
15
8.7
13.6
1.0
16.0
3.3 ± 0.3
50
11.2
17.1
1.0
19.5
15
4.9
8.1
1.0
9.5
Propagation delay
time
(CK-CARRY,
count-mode)
tpLH
tpHL
Figure 1
5.0 ± 0.5
50
6.4
10.1
1.0
11.5
ns
15
11.0
17.2
1.0
20.0
3.3 ± 0.3
50
13.5
20.7
1.0
23.5
15
6.2
10.3
1.0
12.0
Propagation delay
time
(CK-CARRY,
preset-mode)
tpLH
tpHL
Figure 2
5.0 ± 0.5
50
7.7
12.3
1.0
14.0
ns
15
7.5
12.3
1.0
14.5
3.3 ± 0.3
50
10.5
15.8
1.0
18.0
15
4.9
8.1
1.0
9.5
Propagation delay
time
(ENT-CARRY)
tpLH
tpHL
Figure 6
5.0 ± 0.5
50
6.4
10.1
1.0
11.5
ns
15
8.9
13.6
1.0
16.0
3.3 ± 0.3
50
11.2
17.1
1.0
19.5
15
5.5
9.0
1.0
10.5
Propagation delay
time
( CLR -Q)
(Note 2)
tpHL
Figure 4
5.0 ± 0.5
50
7.0
11.0
1.0
12.5
ns
15
8.4
13.2
1.0
15.5
3.3 ± 0.3
50
10.9
16.7
1.0
19.0
15
5.0
8.6
1.0
10.0
Propagation delay
time
( CLR -CARRY)
(Note 2)
tpHL
Figure 4
5.0 ± 0.5
50
6.5
10.6
1.0
12.0
ns
15
80
130
70
3.3 ± 0.3
50
55
85
50
15
135
185
115
Maximum clock
frequency
fmax
5.0 ± 0.5
50
95
125
85
MHz
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note 1)
23
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ΔICC which is
obtained from the following formula:
⎟⎟
⎜⎜
+
+
+
+
16
C
16
C
8
C
4
C
2
C
V
f
=
ΔI
CO
QD
QC
QB
QA
CC
CK
CC
CQA to CQD and CCO are the capacitances at QA to QD and CARRY OUT, respectively.
fCK is the input frequency of the CK.
Note 2: For TC74VHC161 only


Similar Part No. - TC74VHC163F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC163FK TOSHIBA-TC74VHC163FK Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC163FN TOSHIBA-TC74VHC163FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
TC74VHC163FS TOSHIBA-TC74VHC163FS Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Similar Description - TC74VHC163F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com