Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC153FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC153FK
Description  Dual 4-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC153FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC153FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC153FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC153F/FT/FK
2012-02-29
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.7
11.9
1.0
14.0
3.3 ± 0.3
50
10.2
15.4
1.0
17.5
15
5.0
7.7
1.0
9.0
Propagation delay
time
(Cn-Y)
tpLH
tpHL
5.0 ± 0.5
50
6.5
9.7
1.0
11.0
ns
15
10.8
16.7
1.0
19.5
3.3 ± 0.3
50
13.3
20.2
1.0
23.0
15
6.8
9.9
1.0
11.5
Propagation delay
time
(A, B-Y)
tpLH
tpHL
5.0 ± 0.5
50
8.3
11.9
1.0
13.5
ns
15
6.3
10.1
1.0
12.0
3.3 ± 0.3
50
8.8
13.6
1.0
15.5
15
4.4
6.4
1.0
7.5
Propagation delay
time
( G -Y)
tpLH
tpHL
5.0 ± 0.5
50
5.9
8.4
1.0
9.5
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
20
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC


Similar Part No. - TC74VHC153FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153FK TOSHIBA-TC74VHC153FK Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results

Similar Description - TC74VHC153FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
   DUAL 4 CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK_07 Datasheet
188Kb / 7P
   Dual 4-Channel Multiplexer
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
   DUAL 4 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com